Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2191 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2191
Description  SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2191 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2191 Datasheet HTML 1Page - New Japan Radio NJM2191 Datasheet HTML 2Page - New Japan Radio NJM2191 Datasheet HTML 3Page - New Japan Radio NJM2191 Datasheet HTML 4Page - New Japan Radio NJM2191 Datasheet HTML 5Page - New Japan Radio NJM2191 Datasheet HTML 6Page - New Japan Radio NJM2191 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2191
- 7 -
s
s
s
sTYPICAL CHARACTERISTICS
No.
INPUT
OUTPUT
a
Lch – Rch
Lch
b
Lch
Lch
c
Rch
Lch
d
Lch + Rch
Lch
“SRS 3D Stereo GAIN STRUCTURE”
V+=12V, Ta=25℃
℃, Vin=-10dBV, Width VR=Max
-5
0
5
10
15
20
10
100
1k
10k
100k
f[Hz]
a
b
c
d
“SRS HEADPHONE GAIN STRUCTURE”
V+=12V, Ta=25℃
℃, Vin=-20dBV, Width VR=Max
-5
0
5
10
15
20
10
100
1k
10k
100k
f[Hz]
a
b
c
d
[CAUTION]
The specifications on this data book are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this data book are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com