Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB14N-300-R Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # VB14N-300-R
Description  Barcode scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB14N-300-R Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  VB14N-300-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB14N-300-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB14N-300-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB14N-300-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB14N-300-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. VB14N-300-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Connection
25-pin D-sub connector pinout
Pin
Name
Function
9, 13
+UB
Power supply input voltage +
25
GND
Power supply input voltage -
1
GND Chassis
Cable shield connected to chassis
18
IN TRG + (A)
External Trigger A +
19
IN TRG - (B)
External Trigger B -
6
IN 2 + (A)
Input 2 A +
10
IN 2 - (B)
Input 2 B -
8
OUT 1 +
Output 1 +
22
OUT 1 -
Output 1 -
11
OUT 2 +
Output 2 +
12
OUT 2 -
Output 2 -
20
RX RS232
Auxiliary RS232
21
TX RS232
Auxiliary RS232
23
ID +
High speed internal network ID-NET +
24
ID -
High speed internal network ID-NET -
14, 15, 16, 17
NC
Not connected
Pin
RS232
RS485
RS485
full-duplex
half-duplex
2
TX
TX +
RTX +
3
Main
RX
RX +
4
interface
RTS
TX -
RTX -
5
signals
CTS
RX -
7
SGND
SGND
SGND
1
13
14
25
Characteristic Curve
0,20mm
(8 mils)
0,30mm
(12 mils)
Š 0,50mm
(20 mils)
0,35mm
(14 mils)
VB14N-300
0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
120
100
80
60
40
20
0
20
40
60
80
100
120
Reading characteristics
Read field width in mm
Read range in mm
Accessories
CBX100
Connector box for barcode scanner
OM-VB14N
oscillating mirror for the VB14N barcode scanner series
DM-VB14N-90
Deviation mirror for barcode scanner series VB14
DM-VB14N-102
Deviation mirror for barcode scanner series VB14
CBX500-KIT-B6
PROFIBUS Connector box for barcode scanner
Barcode scanner
VB14N-300-R
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com