Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L128-RNG1003500000 Datasheet(PDF) 21 Page - Lumileds Lighting Company

Part # L128-RNG1003500000
Description  The best performance, the most colors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L128-RNG1003500000 Datasheet(HTML) 21 Page - Lumileds Lighting Company

Back Button L128-RNG1003500000 Datasheet HTML 17Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 18Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 19Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 20Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 21Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 22Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 23Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 24Page - Lumileds Lighting Company L128-RNG1003500000 Datasheet HTML 25Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS236 LLUXEON 2835 Color Line Product Datasheet 20210816 ©2021 Lumileds Holding B.V. All rights reserved.
20
Peak Wavelength Bins
Table 9. Peak wavelength bin definitions for LUXEON 2835 Far Red, Deep Red and Royal Blue.
color
Part numBer
BIn
PeaK WaVelenGtH [1] (nm)
mInImum
maXImum
Far Red
L128-FRD1003500000
10
720
740
Deep Red
L128-DRD1003500000
10
650
670
Royal Blue
L128-RYL1003500000
30
440
445
40
445
450
50
450
455
Notes for Table 9:
1. Lumileds maintains a tolerance of ±0.5nm on peak wavelength measurements.
Dominant Wavelength Bins
Table 10. Dominant wavelength bin definitions for LUXEON 2835 Red, Red-Orange, Green, Cyan and Blue.
color
Part numBer
BIn
domInant WaVelenGtH [1] (nm)
mInImum
maXImum
Red
L128-RED1003500000
40
620
630
Red-Orange
L128-RNG1003500000
20
610
620
Green
L128-GRN1003500000
10
520
525
20
525
530
30
530
535
40
535
540
Cyan
L128-CYN1003500000
10
490
495
20
495
500
30
500
505
40
505
510
Blue
L128-BLU1003500000
20
469
475
30
475
480
Notes for Table 10:
1. Lumileds maintains a tolerance of ±1nm on dominant wavelength measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com