Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30KPA Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # 30KPA
Description  Axial Lead Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

30KPA Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  30KPA Datasheet HTML 1Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 2Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 3Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 4Page - Socay Electornics Co., Ltd. 30KPA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision December 25, 2017
4 / 5
@ SOCAY Electronics Corp., Ltd. 2017
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
30KPA Series
28 To 288 V
30000W
SOCAY Electronics Corp., Ltd.
www.socay.com
Weight
0.07 ounce, 2.1gram
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD22-A102
Case
JEDEC R-6/P600 Molded Plastic over
glass passivated junction
High Temp. Storage
JESD22-A103
Polarity
Color band denotes cathode except
Bipolar
HTRB
JESD22-A108
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Thermal Shock
JESD22-A106
Reflow Condition
Lead–free assembly
Pre Heat
-Temperature Min (Ts(min))
150°C
-Temperature Max (Ts(max))
200°C
- Time (min to max) (Ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (TL) (Liquidus) 217°C
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5°C
Time within 5°C of actual peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (TP)
8 minutes Max
Do not exceed
280°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
I-V Curve Characteristics
Soldering Parameters
Physical Specifications
Environmental Specifications
IF
I
V
C
r
i
t
i
c
a
l
Z
o
n
e
T
L
t
o
T
P
VF
IT
IPP
VRW
M
VBR
R
VC
Uni-directional
IPP
I
V
IT
IR
VRW
M
VBR
R
VC
IT
IR
IPP
VRW
M
VBR
R
VC
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com