Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIRC16DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIRC16DP
Description  N-Channel 25 V (D-S) MOSFET with Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRC16DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIRC16DP Datasheet HTML 1Page - Vishay Siliconix SIRC16DP Datasheet HTML 2Page - Vishay Siliconix SIRC16DP Datasheet HTML 3Page - Vishay Siliconix SIRC16DP Datasheet HTML 4Page - Vishay Siliconix SIRC16DP Datasheet HTML 5Page - Vishay Siliconix SIRC16DP Datasheet HTML 6Page - Vishay Siliconix SIRC16DP Datasheet HTML 7Page - Vishay Siliconix SIRC16DP Datasheet HTML 8Page - Vishay Siliconix SIRC16DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiRC16DP
www.vishay.com
Vishay Siliconix
S17-0667-Rev. C, 08-May-17
2
Document Number: 77722
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Package limited
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 65 °C/W
g. TC = 25 °C
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b, f
t
 10 s
RthJA
20
25
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
1.8
2.3
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
25
-
-
V
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
1
-
2.4
Gate-source leakage
IGSS
VDS = 0 V, VGS = +20 V, -16 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = 25 V, VGS = 0 V
-
0.06
0.10
mA
VDS = 25 V, VGS = 0 V, TJ = 70 °C
-
1
10
On-state drain current a
ID(on)
VDS  5 V, VGS = 10 V
40
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = 10 V, ID = 15 A
-
0.00080
0.00096
VGS = 4.5 V, ID = 10 A
-
0.00110
0.00140
Forward transconductance a
gfs
VDS = 10 V, ID = 15 A
-
67
-
S
Dynamic b
Input capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
-
5150
-
pF
Output capacitance
Coss
-
1950
-
Reverse transfer capacitance
Crss
-
350
-
Crss/Ciss ratio
-
0.068
0.140
Total gate charge
Qg
VDS = 10 V, VGS = 10 V, ID = 10 A
-
69
105
nC
VDS = 10 V, VGS = 4.5 V, ID = 10 A
-31.5
48
Gate-source charge
Qgs
-12.1-
Gate-drain charge
Qgd
-5.6
-
Gate resistance
Rg
f = 1 MHz
0.1
0.5
0.9
Turn-on delay time
td(on)
VDD = 10 V, RL = 1 , ID  10 A,
VGEN = 10 V, Rg = 1 
-13
26
ns
Rise time
tr
-21
42
Turn-off delay time
td(off)
-35
70
Fall time
tf
-9
18
Turn-on delay time
td(on)
VDD = 10 V, RL = 1 , ID  10 A,
VGEN = 4.5 V, Rg = 1 
-26
52
Rise time
tr
-36
72
Turn-off delay time
td(off)
-31
62
Fall time
tf
-12
24
Drain-source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25°C
-
-
60
A
Pulse diode forward current
ISM
-
-
100
Body diode voltage
VSD
IS = 5 A, VGS = 0 V
-
0.41
0.55
V
Body diode reverse recovery time
trr
IF = 10 A, di/dt = 100 A/μs,
TJ = 25 °C
-46
92
ns
Body diode reverse recovery charge
Qrr
-47
94
nC
Reverse recovery fall time
ta
-21-
ns
Reverse recovery rise time
tb
-25-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com