Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGS-150C Datasheet(PDF) 2 Page - CUI INC

Part # VGS-150C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-150C Datasheet(HTML) 2 Page - CUI INC

  VGS-150C Datasheet HTML 1Page - CUI INC VGS-150C Datasheet HTML 2Page - CUI INC VGS-150C Datasheet HTML 3Page - CUI INC VGS-150C Datasheet HTML 4Page - CUI INC VGS-150C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 02/02/2022
│ page 2 of 5
CUI Inc
│ SERIES: VGS-150C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
120
264
373
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
4
2
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
30
60
A
A
leakage current
at 240 Vac
0.75
mA
no load power consumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
12 Vdc output
15 Vdc output
24 Vdc output
36 Vdc output
48 Vdc output
10,000
6,000
2,400
1,200
600
μF
μF
μF
μF
μF
initial set point accuracy
at full load
±1
%
line regulation
±0.5
%
load regulation
0%~100% load
±0.5
%
adjustability
built in trim pot
±10
%
hold-up time
at 115 Vac
at 230 Vac
8
16
ms
ms
switching frequency
65
kHz
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output, output shut-down, auto-recovery
15 Vdc output, output shut-down, auto-recovery
24 Vdc output, output shut-down, auto-recovery
36 Vdc output, output shut-down, auto-recovery
48 Vdc output, output shut-down, auto-recovery
16.2
21.75
33.6
48.6
60.0
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto-recovery
110
150
%
short circuit protection
hiccup, continuous, auto-recovery
over temperature protection
auto-recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground
input to output
output to ground
2,000
4,000
1,250
Vac
Vac
Vac
safety approvals
certified to:
62368: IEC/EN/UL
designed to meet:
60335: IEC/EN
designed to meet:
61558: IEC/EN
designed to meet:
4943:
GB
safety class
Class I
EMI/EMC
CISPR32/EN55032 Class B, IEC/EN61000-3-2 Class A (≤80% load)
ESD
IEC/EN 61000-4-2 Contact ±6KV /Air ±8KV, perf. Criteria A
radiated immunity
IEC/EN 61000-4-3 10V/m, perf. Criteria A
EFT/burst
IEC/EN 61000-4-4 ±4KV, perf. Criteria A
surge
IEC/EN 61000-4-5 line to line ±2KV/line to ground ±4KV, perf. Criteria A
conducted immunity
IEC/EN61000-4-6 10 Vr.m.s, perf. Criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com