Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-2BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4098-2BCPZ
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-2BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4098-2BCPZ Datasheet HTML 1Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 2Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 3Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 4Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 5Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 6Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 7Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 8Page - Analog Devices ADA4098-2BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
SPECIFICATIONS
analog.com
Rev. A | 3 of 33
5 V SUPPLY
Common-mode voltage (VCM) = 2.5 V, SHDN pin (ADA4098-1) and SHDNx pins (ADA4098-2 10-lead LFCSP) are open, load resistance (RL) =
499 kΩ to midsupply, and ambient temperature (TA) = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
Input Offset Voltage (VOS)1
0.25 V < VCM < 3.25 V
±15
±35
±15
±35
µV
Minimum temperature (TMIN) < TA <
maximum temperature (TMAX)
±90
±100
µV
0.25 V < VCM < 70 V
±20
±40
±20
±40
µV
0.25 V < VCM < 70 V (LFCSP)
±20
±200
±20
±200
µV
TMIN < TA < TMAX
±135
±135
µV
−0.1 V < VCM < +70 V
±20
±40
±20
±40
µV
−0.1 V < VCM < +70 V (LFCSP)
±20
±200
±20
±200
µV
TMIN < TA < TMAX
±200
±250
µV
Input Offset Voltage Drift2
TMIN < TA < TMAX
±0.1
±0.5
±0.1
±0.8
µV/°C
Input Bias Current (IB)
±0.35
±0.7
±0.35
±0.7
nA
TMIN < TA < TMAX
±10
±25
nA
VCM = 70 V, Over-The-Top
3.5
8
12
3.5
8
12
µA
TMIN < TA < TMAX
1.75
14.8
1.5
15
µA
0 V < VCM < 70 V, power supply
voltage (VSY) = 0 V
0.001
1
0.001
1
µA
TMIN < TA < TMAX
10
10
µA
Input Offset Current (IOS)
±350
±700
±350
±700
pA
TMIN < TA < TMAX
±5
±15
nA
VCM = 70 V, Over-The-Top3
±0.05
±0.15
±0.05
±0.15
µA
TMIN < TA < TMAX
±0.2
±0.2
µA
Common-Mode Rejection Ratio
(CMRR)
VCM = −0.1 V to +70 V
120
140
120
140
dB
TMIN < TA < TMAX
110
109
dB
VCM = 0.25 V to 3.25 V
116
134
116
134
dB
TMIN < TA < TMAX
110
110
dB
Common-Mode Input Range
Guaranteed by CMRR tests
−0.1
+70
−0.1
+70
V
Large Signal Voltage Gain (AOL) Delta output voltage (ΔVOUT) = 3.5 V
126
150
126
150
dB
TMIN < TA < TMAX
120
120
dB
ΔVOUT = 3.5 V, RL = 10 kΩ
112
122
112
122
dB
TMIN < TA < TMAX
106
106
dB
NOISE PERFORMANCE
Input Voltage Noise
Frequency (f) = 0.1 Hz to 10 Hz
400
400
nV p-p
1/f noise corner
6
6
Hz
f = 100 Hz
17
17
nV/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
20
20
nV/√Hz
Input Current Noise
f = 100 Hz
0.15
0.15
pA/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
1.8
1.8
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com