Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6563 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6563 Datasheet HTML 17Page - Analog Devices LTC6563 Datasheet HTML 18Page - Analog Devices LTC6563 Datasheet HTML 19Page - Analog Devices LTC6563 Datasheet HTML 20Page - Analog Devices LTC6563 Datasheet HTML 21Page - Analog Devices LTC6563 Datasheet HTML 22Page - Analog Devices LTC6563 Datasheet HTML 23Page - Analog Devices LTC6563 Datasheet HTML 24Page - Analog Devices LTC6563 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC6563
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
current from the TIA path from APD signal. On one hand
large RB causes large RC time constants, while low RB
reduces the effective gain of the APD.
Another negative impact of this RC network is in the case
for saturation events. When a large signal is received from
the APD, this event will charge CAC. This will negatively
move the input bias of the TIAs and change the TIAs input
impedance to transimpedance 14kΩ. This 14kΩ coupled
with RB and CAC time constant will add the saturation
recover time. Practical values of 100pF CAC and RB of
2.2kΩ will have large saturation recovery times >1µs with
>50mA input signals. This effectively blinds the signal
chain for the next input signal.
Channel Selection
There are four TIA inputs to the LTC6563. The active chan-
nel is selected using two channel selection bits CHSEL0
and CHSEL1. When a channel is changed and PWRMD is
high, an output glitch takes <10ns to settle. When PWRMD
is low and a channel is changed, an output glitch takes
<500ns to settle. Inactive channels have 30dB of channel
to channel isolation at 400MHz when PWRMD pin is high.
When PWRMD is low the channel isolation is increased
to more than 48dB.
Table 4. Channel Selection
CHSEL1
CHSEL0
OMUX
ACTIVE CHANNEL
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
X
X
0
Hi-Z
DC Input Cancelation
The LTC6563 features a voltage controlled current source
for DC input current cancelation with minimal noise
impact. Identical currents are applied to each TIA input.
The maximum current cancelation is 200μA. The OFFSET
pin was designed to accommodate external closed loop
design for fast settling and fast switching times. See
IOFFSET vs VOFFSET curve for the transfer function. It is
recommended to use a high-speed DAC to control the
OFFSET pin.
Output MUXing
Refer to Figure 6 schematic. The output multiplexing
(OMUX) requires at least one additional LTC6563 devices
to operate in a Controller/Responder relationship. To mul-
tiplex multiple LTC6563’s they need to share a DC connec-
tion at their outputs. The controller LTC6563 (U1) output
stage needs to be connected to the internal termination
resistors. For the CM control to function, the controller
PWRMD pin must remain HIGH during the time any of
the inputs of all the parallel network are enabled. That is
because the CM servo loop is disabled if PWRMD is deas-
serted (low). The controller LTC6563 output circuit (U1)
will control the common mode for all the multiplexing.
All CM pins (U1-U4) are to be connected to the common
mode of the ADC. If the output clamping feature (HI pin)
is implemented, all CM pins (U1-U4) need to be connected
to the same voltage for proper operation. Also, tie all HI
pins (U1-U4) together and apply the required clamping
voltage to them. The HI pin is used to set the high side
clamp voltage at outputs. Internal circuity generates a
symmetric low side clamp voltage with respect to the
common mode voltage VCM.
Maximum output high side voltage = HI pin voltage
Minimum output low side voltage = VCM – (HI – VCM) =
2VCM – HI
Setting the Output CM Voltage
The LTC6563 can set the output Common Mode (CM)
voltage using the CM input pin provided on the device.
Figure 5. Recommended DC Cancel Circuit
CS
R/W
GND
IOUT2
IOUT1
RFB
VDD
AD5424
D7-D0
ADA4851-1
LTC6563
OFFSET PIN
FPGA IO
VCC
VCC
6563 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com