Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2941 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2941
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2941 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2941 Datasheet HTML 9Page - Analog Devices LTC2941 Datasheet HTML 10Page - Analog Devices LTC2941 Datasheet HTML 11Page - Analog Devices LTC2941 Datasheet HTML 12Page - Analog Devices LTC2941 Datasheet HTML 13Page - Analog Devices LTC2941 Datasheet HTML 14Page - Analog Devices LTC2941 Datasheet HTML 15Page - Analog Devices LTC2941 Datasheet HTML 16Page - Analog Devices LTC2941 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2959
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Internal Registers
The LTC2959 register map is shown above. The LTC2959
integrates current through a sense resistor, measures
battery charge, voltage, current and temperature (and,
optionally, GPIO), and stores the results in internal reg-
isters accessible via I2C. Charge is stored in a 32-bit reg-
ister, all other quantities are stored in 16-bit registers.
High and low thresholds can be programmed for each
measured quantity. The voltage and current ADC channels
also include minimum and maximum trackers.
After each voltage, current, temperature or GPIO con-
version, the ADC conversion result is compared to the
respective threshold registers. If a value in the threshold
registers is exceeded, the corresponding bit in the status
register is set (A[7], A[6], A[4] or A[1]). If alert mode is
enabled, the GPIO pin pulls low.
Analog inputs that exceed the ADC input range will cause
overflow or underflow. The corresponding ADC conver-
sion result will be the most negative (underflow) or most
positive (overflow) output code. Overflow or underflow
will also cause the corresponding status alert bit to be set.
If alert mode is enabled, the GPIO pin pulls low.
The minimum and maximum tracking registers will hold
the lowest and the highest value measured since their ini-
tialization, respectively. These registers are updated after
every voltage ADC or current ADC conversion.
The minimum and maximum trackers initialize to the high-
est and lowest possible conversion result, respectively,
and they can be set via I2C.
The accumulated charge register can be configured by
writing a target 32-bit value to it via I2C, or by asserting
charge complete (CC). When GPIO is configured in digital
input mode and it is pulled low externally, CC is asserted
and the ACR will be set to 32’hFFFFFFFF. Coulomb count-
ing only resumes when CC is no longer asserted.
Do not simultaneously assert charge complete and
attempt to write the ACR to a target value over I2C.
The ACR is compared to the charge thresholds every
time the coulomb counter increments or decrements it.
If the ACR value exceeds the threshold register values,
the corresponding bits A[3] or A[2] are set. Bit A[5] is
set if the ACR overflows or underflows. At each overflow
or underflow, the ACR rolls over and resumes integration.
All status register bits are cleared after being read by the
host but may be reasserted after the next ADC conversion
or charge integration, if the corresponding alert condition
is still fulfilled.
Processing Digital Results
The LTC2959 can measure charge, voltage, current and
temperature.
To calculate the amount of charge represented by the
ACR, read out registers D, E, F and G in a single sequen-
tial read. Their combined output yields an unsigned 32-bit
number, which should be multiplied by the ACR LSB size,
QLSB = 533nAh, to obtain the total charge.
The result of the 16-bit ADC conversion of the voltage
at either VDD or SENSEN (depending on the ADC control
settings) is stored in the voltage registers (P, Q). This data
is unsigned. From the result of the 16-bit voltage register
RESULT[15:0] = P[7:0]Q[7:0], the measured voltage can
be calculated as:
VBAT = 62.6V •
RESULTdec
65536
The values in the voltage threshold and min/max track-
ing registers, registers R, S, T, U, V, W, X ansd Y, are
also stored in unsigned notation. As an example, to
set the voltage low threshold to 3.72V, write registers
T[7:0]U[7:0] to 0F37h.
The result of the 16-bit ADC conversion of the current
is stored in the current registers (Z, AA). The ADC mea-
sures battery current by converting the voltage, VSENSE,
across the sense resistor RSENSE. Depending on whether
the battery is being charged or discharged, the measured
voltage drop on RSENSE is positive or negative.
The result in registers Z and AA is stored in signed, two’s
complement notation. Bit Z[7] is the sign bit of the result.
The battery current can be obtained from the two-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com