Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISC06DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SISC06DN
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISC06DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SISC06DN Datasheet HTML 1Page - Vishay Siliconix SISC06DN Datasheet HTML 2Page - Vishay Siliconix SISC06DN Datasheet HTML 3Page - Vishay Siliconix SISC06DN Datasheet HTML 4Page - Vishay Siliconix SISC06DN Datasheet HTML 5Page - Vishay Siliconix SISC06DN Datasheet HTML 6Page - Vishay Siliconix SISC06DN Datasheet HTML 7Page - Vishay Siliconix SISC06DN Datasheet HTML 8Page - Vishay Siliconix SISC06DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiSC06DN
www.vishay.com
Vishay Siliconix
S21-0841-Rev. B, 09-Aug-2021
1
Document Number: 62944
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
•SkyFET® with monolithic Schottky diode
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Personal computers and servers
• Synchronous buck
• Synchronous rectification
•DC/DC conversion
Notes
a. Surface mounted on 1" x 1" FR4 board
b. t = 10 s
c. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
e. Maximum under steady state conditions is 81 °C/W
f. Based on TC = 25 °C
g. Package limited
PRODUCT SUMMARY
VDS (V)
30
RDS(on) max. (
Ω) at VGS = 10 V
0.0027
RDS(on) max. (
Ω) at VGS = 4.5 V
0.0040
Qg typ. (nC)
17.5
ID (A)
40 g
Configuration
Single
PowerPAK® 1212-8 Single
Top View
1
3.3
mm
3.3
mm
Bottom View
1
S
1
S
2
S
3
S
4
G
D
8
D
7
D
6
D
5
N-Channel MOSFET
G
S
D
Schottky
Diode
ORDERING INFORMATION
Package
PowerPAK 1212-8
Lead (Pb)-free and halogen-free
SiSC06DN-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
30
V
Gate-source voltage
VGS
+20, -16
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
40 g
A
TC = 70 °C
40 g
TA = 25 °C
27.6 a, b
TA = 70 °C
25.2 a, b
Pulsed drain current (t = 100 μs)
IDM
100
Continuous source-drain diode current
TC = 25 °C
IS
40 g
TA = 25 °C
3.3 a, b
Single pulse avalanche current
L = 0.1 mH
IAS
15
Single pulse avalanche energy
EAS
11.25
mJ
Maximum power dissipation
TC = 25 °C
PD
46.3
W
TC = 70 °C
29.6
TA = 25 °C
3.7 a, b
TA = 70 °C
3.1 a, b
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) c, d
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient a, e
t
≤ 10 s
RthJA
25
33
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
2.1
2.7


Similar Part No. - SISC06DN

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SISC JST-SISC Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
SISCPB-02-1A-K JST-SISCPB-02-1A-K Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
SISCPB-02-2A-K JST-SISCPB-02-2A-K Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
SISCPB-02-3A-K JST-SISCPB-02-3A-K Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
SISCPB-02-4A-K JST-SISCPB-02-4A-K Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
More results

Similar Description - SISC06DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com