Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFD2-EB2.R4A.B Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KFD2-EB2.R4A.B
Description  Redundant Power Feed Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-EB2.R4A.B Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KFD2-EB2.R4A.B Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Output
Connection
Power Rail
Output rated operating current
max. 4 A
Output voltage
Ui ≥ rated voltage Ur = Ui - 0.6 V
Fault signal
relay output: NO contact
Contact loading
30 V AC/ 2 A / cos φ ≥ 0.7 ; 40 V DC/ 2 A
Energized/De-energized delay
approx. 20 ms / approx. 20 ms
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2006
Degree of protection
IEC 60529:2001
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP20
Connection
screw terminals
Mass
approx. 100 g
Dimensions
20 x 119 x 115 mm (0.8 x 4.7 x 4.5 inch) (W x H x D) , housing type B2
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
Certificate
TÜV 00 ATEX 1618 X
Marking
1
II 3G Ex nA nC IIC T4
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020 , EN 60079-15:2010
International approvals
FM approval
Control drawing
116-0160
UL approval
E106378
CSA approval
CoC 1051840
IECEx approval
IECEx certificate
IECEx UL 16.0051X
IECEx marking
Ex nA nC IIC T4 Gc
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Redundant Power Feed Module
KFD2-EB2.R4A.B
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com