Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERBUS-CAP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # POWERBUS-CAP
Description  End Cap for Power Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

POWERBUS-CAP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  POWERBUS-CAP Datasheet HTML 1Page - Pepperl+Fuchs Inc. POWERBUS-CAP Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
23.5
1
5
40
23.5
1
5
40
Technical Data
Mechanical specifications
Material
Polycarbonate
Mass
approx. 10 g
Dimensions
17 x 37 x 24 mm (0.67 x 1.46 x 0.95 inch)
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
General information
Packing unit
5 item(s) left
5 item(s) right
End Cap for Power Bus
POWERBUS-CAP
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com