Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS22B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS22B
Description  DUAL 4-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS22B Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS22B Datasheet HTML 1Page - Texas Instruments SN74ALS22B Datasheet HTML 2Page - Texas Instruments SN74ALS22B Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SN54ALS22B, SN74ALS22B
DUAL 4-INPUT POSITIVE-NAND GATES
WITH OPEN-COLLECTOR OUTPUTS
SDAS005A – MARCH 1984 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
5BASIC
1
Package Options Include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
Dependable Texas Instruments Quality and
Reliability
description
These devices contain two independent 4-input
NAND gates. They perform the Boolean functions
Y = A
•B•C•D or Y = A+B+C+D in positive logic.
The
open-collector
outputs
require
pullup
resistors to perform correctly. They may be
connected to other open-collector outputs to
implement active-low wired-OR or active-high
wired-AND functions. Open-collector devices are
often used to generate higher VOH levels.
The SN54ALS22B is characterized for operation
over the full military temperature range of 55
°C
to 125
°C. The SN74ALS22B is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
Y
H
H
H
H
L
L
XXX
H
X
LX
X
H
X
XLX
H
X
X
X
L
H
logic symbol
2D
13
12
2C
&
8
2Y
6
1Y
2B
10
2A
9
1D
5
1C
4
2
1B
1A
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
1Y
1D
1A
1B
1C
2C
2B
2A
2D
2Y
logic diagram (positive logic)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54ALS22B ...J PACKAGE
SN74ALS22B ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
SN54ALS22B . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS22B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232AFN TI1-SN74ALS2232AFN Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232ANT TI1-SN74ALS2232ANT Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FN TI1-SN74ALS2238FN Datasheet
178Kb / 11P
32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALS22B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5401 TI-SN5401 Datasheet
208Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5403 TI-SN5403 Datasheet
123Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS22 HITACHI-HD74LS22 Datasheet
44Kb / 5P
Dual 4-input Positive NAND Gates(with Open Collector Ouputs)
logo
Texas Instruments
74LS22 TI-74LS22 Datasheet
246Kb / 7P
DUAL 4 INPUT POSITIVE NAND GATES WITH OPEN COLLECTOR OUTPUTS
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS03 RENESAS-HD74LS03 Datasheet
52Kb / 4P
Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS12A TI1-SN54ALS12A Datasheet
59Kb / 3P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS15A TI1-SN54ALS15A Datasheet
69Kb / 4P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN7422N TI1-SN7422N Datasheet
246Kb / 7P
DUAL 4-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com