Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3AI2H Datasheet(PDF) 3 Page - Schneider Electric

Part # TM3AI2H
Description  Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI2H Datasheet(HTML) 3 Page - Schneider Electric

  TM3AI2H Datasheet HTML 1Page - Schneider Electric TM3AI2H Datasheet HTML 2Page - Schneider Electric TM3AI2H Datasheet HTML 3Page - Schneider Electric TM3AI2H Datasheet HTML 4Page - Schneider Electric TM3AI2H Datasheet HTML 5Page - Schneider Electric TM3AI2H Datasheet HTML 6Page - Schneider Electric TM3AI2H Datasheet HTML 7Page - Schneider Electric TM3AI2H Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Package 1 width
10.645 cm
Package 1 Length
12.707 cm
Unit Type of Package 2
S04
Number of Units in Package 2
42
Package 2 Weight
10.341 kg
Package 2 Height
30 cm
Package 2 width
40 cm
Package 2 Length
60 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
PVC free
Yes
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
Apr 4, 2022
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com