Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3AI8 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3AI8
Description  Analog input module, Modicon TM3, 8 inputs (screw) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI8 Datasheet(HTML) 1 Page - Schneider Electric

  TM3AI8 Datasheet HTML 1Page - Schneider Electric TM3AI8 Datasheet HTML 2Page - Schneider Electric TM3AI8 Datasheet HTML 3Page - Schneider Electric TM3AI8 Datasheet HTML 4Page - Schneider Electric TM3AI8 Datasheet HTML 5Page - Schneider Electric TM3AI8 Datasheet HTML 6Page - Schneider Electric TM3AI8 Datasheet HTML 7Page - Schneider Electric TM3AI8 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product data sheet
Specifications
Analog input module, Modicon TM3,
8 inputs (screw) 24 VDC
TM3AI8
Main
Range of product
Modicon TM3
Product or component type
Analog input module
Range compatibility
Modicon M221
Modicon M241
Modicon M251
Modicon M262
Analogue input number
8
Analogue input type
current 4...20 mA
current 0...20 mA
voltage 0...10 V
voltage - 10...10 V
Complementary
Analogue input resolution
12 bits
11 bits + sign
Permissible continuous
overload
13 V, analogue input type: voltage
40 mA, analogue input type: current
Input impedance
<= 50 Ohm current
>= 1 MOhm voltage
LSB value
2.44 mV 0...10 Vvoltage
4.88 mV - 10...10 Vvoltage
4.88 µA 0...20 mAcurrent
3.91 µA 4...20 mAcurrent
Conversion time
1 ms + 1 ms per channel + 1 controller cycle time
Sampling duration
1 ms
Absolute accuracy error
+/- 1 % of full scale
+/- 0.2 % of full scale at 25 °C
Temperature drift
+/- 0.01 %FS/°C
Repeat accuracy
+/-0.5 %FS
Non-linearity
+/- 0.2 %FS
Cross talk
<= 1 LSB
[Us] rated supply voltage
24 V DC
Supply voltage limits
20.4…28.8 V
Type of cable
Twisted shielded pairs cable <30 m for input circuit
Current consumption
40 mA at 5 V DC via bus connector full load
35 mA at 5 V DC via bus connector no load
30 mA at 24 V DC via external supply no load
40 mA at 24 V DC via external supply full load
 
Apr 4, 2022
1


Similar Part No. - TM3AI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI8 SCHNEIDER-TM3AI8 Datasheet
130Kb / 5P
module TM3 - 8 analog inputs
Aug 10, 2019
TM3AI8G SCHNEIDER-TM3AI8G Datasheet
131Kb / 5P
module TM3 - 8 analog inputs spring
Aug 10, 2019
TM3AI8G SCHNEIDER-TM3AI8G_V01 Datasheet
145Kb / 8P
Analog input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3AI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI2H SCHNEIDER-TM3AI2H Datasheet
197Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
Apr 4, 2022
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AI8G SCHNEIDER-TM3AI8G_V01 Datasheet
145Kb / 8P
Analog input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3AM6 SCHNEIDER-TM3AM6_V01 Datasheet
202Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (screw) 24 VDC
Apr 4, 2022
TM3DI16 SCHNEIDER-TM3DI16_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI8 SCHNEIDER-TM3DI8_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3TI4D SCHNEIDER-TM3TI4D Datasheet
132Kb / 8P
Analog input module, Modicon TM3, 4 temperature differential inputs (screw) 24 VDC
Apr 4, 2022
TM3TI4 SCHNEIDER-TM3TI4_V01 Datasheet
157Kb / 9P
Analog input module, Modicon TM3, 4 / temperature inputs (screw) 24 VDC
Apr 4, 2022
TM3TI8T SCHNEIDER-TM3TI8T Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 8 temperature inputs (screw) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com