Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3BCSL Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3BCSL
Description  IP20 I/O Distributed Optimized TM3 Bus Coupler Module Serial Line Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3BCSL Datasheet(HTML) 2 Page - Schneider Electric

  TM3BCSL Datasheet HTML 1Page - Schneider Electric TM3BCSL Datasheet HTML 2Page - Schneider Electric TM3BCSL Datasheet HTML 3Page - Schneider Electric TM3BCSL Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IP degree of protection
IP20 conforming to IEC/EN 61010-2-201
Relative humidity
10…95 % non-condensing
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
3M4 on 35 x 15 mm symmetrical DIN rail
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
171.0 g
Package 1 Height
7.6 cm
Package 1 width
10.7 cm
Package 1 Length
12.7 cm
Unit Type of Package 2
S03
Number of Units in Package 2
18
Package 2 Weight
3.789 kg
Package 2 Height
30 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
2
Apr 4, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com