Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20004TV1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH20004TV1
Description  Ultrafast high voltage rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20004TV1 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH20004TV1 Datasheet HTML 1Page - STMicroelectronics STTH20004TV1 Datasheet HTML 2Page - STMicroelectronics STTH20004TV1 Datasheet HTML 3Page - STMicroelectronics STTH20004TV1 Datasheet HTML 4Page - STMicroelectronics STTH20004TV1 Datasheet HTML 5Page - STMicroelectronics STTH20004TV1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STTH20004TV
3/6
Figure 1: Conduction losses versus average
forward current (per diode)
Figure 2: Forward voltage drop versus forward
current (per diode)
Figure
3:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
Figure 4: Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 5: Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 6: Reverse recovery charges versus
dIF/dt (typical values, per diode)
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
P(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IFM(A)
T
j=25°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Typical values)
T
j=150°C
(Typical values)
VFM(V)
I
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Zth(j-c) /Rth(j-c)
Single pulse
tP(s)
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
IRM (A)
I
F=IF(AV)
V
R=200V
T
j=125°C
dIF/dt(A/µs)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
450
500
t rr (ns)
I
F=IF(AV)
V
R=200V
T
j=125°C
dIF/dt(A/µs)
0
500
1000
1500
2000
2500
3000
3500
0
50
100
150
200
250
300
350
400
450
500
Q
(nC)
I
F=IF(AV)
V
R=200V
T
j=125°C
dIF/dt(A/µs)
rr



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com