Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0362 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0362
Description  Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0362 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0362 Datasheet HTML 1Page - STMicroelectronics STV0362 Datasheet HTML 2Page - STMicroelectronics STV0362 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2006
Rev 1
1/3
3
STV0362
Low-power and ultra compact DVB-T single chip receiver
DVB-H broadcast compliant
Feature summary
NorDig Unified specification (v1.0.2) capable
Channel reception quality indicator
Out-of-guard interval echoes superior
performances
Impulsive noise rejection capable
Outstanding adjacent and co-channel rejection
capability with integrated on-chip digital
channel filters
Digital carrier, timing and symbol recovery
loops
2 K, 4 K, 8 K FFT length
6, 7 and 8 MHz channels bandwidth
1/4, 1/8, 1/16, 1/32 guard interval length
QPSK - 16 QAM - 64 QAM modulations
Hierarchical capability
TPS decoding
Viterbi soft decoder rate 1/2
Puncture rates are 1/2, 2/3, 3/4, 5/6, 7/8
Low power advanced CMOS process (90 nm)
Power consumption: <250 mW (typ) in
operation
Multi-supply: 1.0 V core, 2.5 V analog, 3.3 V
digital
TQFP64 7 x 7 x 1.0 mm.
Order codes
Description
The STV0362 inherits the functionality of the
STV0361 device and embeds new functionalities
required by the DVB-H standard at the physical
layer side. The STV0362 features the full DVB-T
and DVB-H standards framing structure, channel
coding and modulation. The symbol, timing and
carrier recovery loops are fully digital and sized in
order to match the state-of-the-art RF down-
converter devices.
The
STV0362
is
compatible
with
direct
conversion silicon tuners and is featuring two
high-performance differential 12-bit ADC for I and
Q channels. The tuner baseband power is
controlled by a classic AGC loop, and the RF
level is monitored by a dedicated single-ended 8-
bit ADC.
The terrestrial DVB-T network can be subject to
several interference sources which
are the
neighboring digital and analog channels, as well
as the in-band analog channels. The STV0362
cancels these interference sources and removes
the
effects of
impulse noise.
The
channel
equalization is capable of static and dynamic
echo
canceling
even
in
severe
urban
environments.
The embedded high-performance algorithms are
enhanced to cope with out-of-guard interval
echoes; specific channel quality monitoring is
available for acquisition and survey.
The specific power handling constraints are
primarily addressed by both technology and clock
rate management. The efficiency of channel
acquisition and re-acquisition also minimizes
power consumption.
The STV0362 relies on the decoder multimedia
processor to manage the MPE-FEC and to
control time slicing while operating in DVB-H
mode.
Part number
Package
STV0362
TQFP64 (7 x 7 x 1 mm)
www.st.com


Similar Part No. - STV0362

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0360 STMICROELECTRONICS-STV0360 Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0360-EVAL STMICROELECTRONICS-STV0360-EVAL Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0361 STMICROELECTRONICS-STV0361 Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
STV0361-EVAL STMICROELECTRONICS-STV0361-EVAL Datasheet
94Kb / 2P
COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
More results

Similar Description - STV0362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
Single-chip DVB-T channel
May 2002
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Keysight Technologies
N6153A KEYSIGHT-N6153A Datasheet
1Mb / 15P
DVB-T/H with T2
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com