Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3SAFL5RG Datasheet(PDF) 3 Page - Schneider Electric

Part # TM3SAFL5RG
Description  Safety module, Modicon TM3 Safety, 2 Function, Cat 3 PL d/SIL CL2 (spring) 24 VDC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3SAFL5RG Datasheet(HTML) 3 Page - Schneider Electric

  TM3SAFL5RG Datasheet HTML 1Page - Schneider Electric TM3SAFL5RG Datasheet HTML 2Page - Schneider Electric TM3SAFL5RG Datasheet HTML 3Page - Schneider Electric TM3SAFL5RG Datasheet HTML 4Page - Schneider Electric TM3SAFL5RG Datasheet HTML 5Page - Schneider Electric TM3SAFL5RG Datasheet HTML 6Page - Schneider Electric TM3SAFL5RG Datasheet HTML 7Page - Schneider Electric TM3SAFL5RG Datasheet HTML 8Page - Schneider Electric TM3SAFL5RG Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiated emission - test level: 47 dBµV/m class A (24 V) conforming to EN 55011
Mounting support
Top hat type TH35-7.5 rail conforming to IEC 60715
Top hat type TH35-15 rail conforming to IEC 60715
wall mount using attached fasteners
Height
94 mm
Depth
73 mm
Width
43.7 mm
Net weight
0.19 kg
Environment
Standards
EN 60204-1
EN 1088/ISO 14119
EN/ISO 13850
EN/IEC 60947-1
EN/IEC 60947-5-1
Resistance to electrostatic
discharge
8 kV in air conforming to EN/IEC 61000-4-2
6 kV on contact conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
10 V/m 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
3 V/m 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
1 V/m 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m 50/60 Hz conforming to EN/IEC 61000-4-8
Resistance to fast transients
3 kV for power lines (DC) (DC) conforming to EN/IEC 61000-4-4
2 kV for I/O lines conforming to EN/IEC 61000-4-4
Surge withstand
1 kV power lines (DC) differential mode conforming to EN/IEC 61000-4-5 DC
1 kV power lines (DC) common mode conforming to EN/IEC 61000-4-5 DC
Resistance to conducted
disturbances
10 V 0.15...80 MHz conforming to EN/IEC 61000-4-6
Electromagnetic emission
Radiated emissions - test level: 50 dBµV/m class A ( 24 V DC) at 30…230 Hz conforming to IEC
61131-3
Radiated emissions - test level: 57 dBµV/m class A ( 24 V DC) at 230…1000 Hz conforming to IEC
61131-3
Ambient air temperature for
operation
-10…55 °C horizontal installation
Ambient air temperature for
storage
-25…70 °C
Relative humidity
10…95 %, without condensation (in operation)
10…95 %, without condensation (in storage)
IP degree of protection
IP20 (terminals) conforming to EN/IEC 60529
Pollution degree
2
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
+/- 3.5 mm (f= 5…150 Hz) conforming to IEC 60068-2-6
Shock resistance
15 gn for 11 ms conforming to IEC 60068-2-27
Mechanical robustness
Bumps 6 ms 300 shocks (25 gn) conforming to IEC 60068-2-27
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
262.0 g
Package 1 Height
7.5 cm
Package 1 width
10.6 cm
Package 1 Length
12.5 cm
Unit Type of Package 2
S03
Apr 4, 2022
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com