Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2AI2 Datasheet(PDF) 1 Page - Schneider Electric

Part # TMC2AI2
Description  Analogue input cartridge, Modicon M221, 2 analog inputs, I/O extension
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TMC2AI2 Datasheet(HTML) 1 Page - Schneider Electric

  TMC2AI2 Datasheet HTML 1Page - Schneider Electric TMC2AI2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Analogue input cartridge, Modicon
M221, 2 analog inputs, I/O extension
TMC2AI2
Main
Range of product
Modicon M221
Product or component type
Analogue input cartridge
Product compatibility
Modicon M221C
Analogue input number
2
Complementary
Analogue input type
current 4...20 mA
current 0...20 mA
voltage 0...10 V
Analogue input resolution
12 bits
LSB value
2.44 mV 0...10 Vvoltage
4.88 µA 0...20 mAcurrent
3.91 µA 4...20 mAcurrent
Conversion time
20 ms
Sampling duration
10 ms
Absolute accuracy error
+/- 0.1 % of full scale at 25 °C
+/- 1 % of full scale
Temperature drift
+/- 0.02 %FS/°C
Repeat accuracy
+/- 0.5 %FS
Non-linearity
+/- 0.01 %FS
Cross talk
<= 1 LSB
Type of cable
Twisted shielded pairs cable
Electrical connection
3 x 1.5 mm² 2 screw terminal blocks with pitch 3.81 mm adjustment for inputs
Maximum cable distance
between devices
Twisted shielded pairs cable: <30 m for input
Insulation
Non-insulated between analogue input and internal logic
Height
41 mm
Depth
15 mm
Width
35 mm
Net weight
0.015 kg
Permissible continuous
overload
13 V, analogue input type: voltage
40 mA, analogue input type: current
Input impedance
<= 250 Ohm current
 
Apr 4, 2022
1


Similar Part No. - TMC2AI2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TMC2AQ2C SCHNEIDER-TMC2AQ2C Datasheet
104Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog current outputs, I/O extension
Apr 4, 2022
TMC2AQ2V SCHNEIDER-TMC2AQ2V Datasheet
105Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog voltage outputs, I/O extension
Apr 4, 2022
More results

Similar Description - TMC2AI2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TMC2TI2 SCHNEIDER-TMC2TI2 Datasheet
98Kb / 2P
cartridge M221 - 2 temperature inputs - I/O extension
Aug 15, 2019
TMC2AQ2C SCHNEIDER-TMC2AQ2C Datasheet
104Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog current outputs, I/O extension
Apr 4, 2022
TMC2AQ2V SCHNEIDER-TMC2AQ2V Datasheet
105Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog voltage outputs, I/O extension
Apr 4, 2022
TMC2CONV01 SCHNEIDER-TMC2CONV01 Datasheet
103Kb / 2P
Serial line cartridge, Modicon M221, conveying 1 I/O extension
Apr 4, 2022
TMC2HOIS01 SCHNEIDER-TMC2HOIS01 Datasheet
105Kb / 2P
Analogue input cartridge, Modicon M221, hoisting 2 analog I/O extension
Apr 4, 2022
TMC2PACK01 SCHNEIDER-TMC2PACK01 Datasheet
105Kb / 2P
Analogue input cartridge, Modicon M221, packaging 2 analog inputs, I/ O extension
Apr 4, 2022
TMC2TI2 SCHNEIDER-TMC2TI2_V01 Datasheet
108Kb / 2P
Analogue input cartridge, Modicon M221, 2 temperature inputs, I/O extension
Apr 4, 2022
TMC4AI2 SCHNEIDER-TMC4AI2 Datasheet
99Kb / 2P
Analogue input cartridge, Modicon M241, 2 analog current inputs
Apr 6, 2022
TMC4AQ2 SCHNEIDER-TMC4AQ2 Datasheet
99Kb / 2P
Analogue output cartridge, Modicon M241, 2 analog outputs
Apr 6, 2022
TMC4TI2 SCHNEIDER-TMC4TI2 Datasheet
100Kb / 2P
Analogue input cartridge, Modicon M241, 2 temperature inputs
Apr 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com