Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT Datasheet HTML 35Page - NXP Semiconductors PCF8545ATT Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
0 1 2 3 4 5 6 7
35 36 37 38 39
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
1
2
3
4
5
6
7
Transmitted data byte
b7
b6
b5
b4
b3
b2
b1
b0
Display RAM columns/segment outputs (S)
Columns
Display RAM rows/
backplane outputs
(BP)
Rows
013aaa459
Figure 24. Display RAM filling order in 1:8 multiplex drive mode
There are no boundary conditions in 1:8 multiplex drive mode.
8 Bus interfaces
8.1 Control byte and register selection
After initiating the communication over the bus and sending the target address (I2C-bus,
see Section 8.2) or subaddress (SPI-bus, see Section 8.3), a control byte follows. The
purpose of this byte is to indicate both, the content for the following data bytes (RAM, or
command) and to indicate that more control bytes will follow.
Typical sequences could be:
• target address/subaddress - control byte - command byte - command byte - command
byte - end
• target address/subaddress - control byte - RAM byte - RAM byte - RAM byte - end
• target address/subaddress - control byte - command byte - control byte - RAM byte -
end
In this way, it is possible to send a mixture of RAM and command data in one access or
alternatively, to send just one type of data in one access.
Bit
Symbol
Value
Description
continue bit
0
last control byte
7
CO
1
control bytes continue
register selection
00
command register
6 to 5
RS[1:0]
01
RAM data
Table 24. Control byte description
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
35 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com