Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATTA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8545ATTA
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8545ATTA Datasheet HTML 4Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 5Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 6Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 7Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 8Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 9Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 10Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 11Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
7.1.2 Command: OTP-refresh
During production of the device, each IC is calibrated to achieve the specified accuracy
of the frame frequency. This calibration is performed on EPROM cells called One Time
Programmable (OTP) cells. The device reads these cells every time the OTP-refresh
command is sent. The OTP-refresh command has to be sent after a reset has been
made and before the display is enabled.
This command will be completed after a maximum of 30 ms and requires either the
internal or external clock to run. If the internal oscillator is not used, then a clock must
be supplied to the OSCCLK pin. If the OTP-refresh instruction is sent and no clock is
present, then the request is stored until a clock is available.
Remark: It is recommended not to enter power-down mode during the OTP refresh
cycle.
Bit
Symbol
Value
Description
7 to 0
-
1111 0000
fixed value
Table 6. OTP-refresh - OTP-refresh command bit description
7.1.3 Command: mode-settings
Bit
Symbol
Value
Description
7 to 4
-
0101
fixed value
backplane swapping
0[1]
backplane configuration 0
3
BPS
1
backplane configuration 1
set inversion mode
0[1][2]
Driving scheme A: LCD line inversion mode
2
INV
1
Driving scheme B: LCD frame inversion
mode
set power mode
1
power-down mode; backplane and segment
outputs are connected to VSS and the
internal oscillator is switched off
1
PD
0[1]
power-up mode
display switch
0[1]
display disabled; backplane and segment
outputs are connected to VSS
0
E
1
display enabled
Table 7. Mode-settings - mode settings command bit description
[1]
Default value.
[2]
See Section 7.1.3.2.
7.1.3.1 Backplane swapping
Backplane swapping can be configured with the BPS bit (see Table 7). It moves the
location of the backplane and the associated segment outputs from one side of the
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
8 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com