Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM704 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC18IM704 Datasheet HTML 9Page - NXP Semiconductors SC18IM704 Datasheet HTML 10Page - NXP Semiconductors SC18IM704 Datasheet HTML 11Page - NXP Semiconductors SC18IM704 Datasheet HTML 12Page - NXP Semiconductors SC18IM704 Datasheet HTML 13Page - NXP Semiconductors SC18IM704 Datasheet HTML 14Page - NXP Semiconductors SC18IM704 Datasheet HTML 15Page - NXP Semiconductors SC18IM704 Datasheet HTML 16Page - NXP Semiconductors SC18IM704 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
10 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). [1] [2]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+4.6
V
Tamb(bias)
bias ambient temperature
-55
+150
°C
Tstg
storage temperature
-65
+150
°C
5 V tolerant I/O
pins; VDD ≥ 1.71 V
[3]
[4]
-0.5
+5.4
V
VI
input voltage
3 V tolerant I/O -
all pins
[5] -0.5
+3.6
V
HIGH-level output current per input/
output pin
GPIO3 to GPIO7
-
20
mA
IOH(I/O)
all other pins
-
8
mA
IOL(I/O)
LOW-level output current per input/
output pin
-
20
mA
II/O(tot)(max) maximum total I/O current
-
120
mA
Ptot/pack
total power dissipation per package
[6] -
1.5
W
Table 11. Limiting values
[1]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of
excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater
than the rated maximum.
[2]
Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS
unless otherwise noted.
[3]
Applies to all 5 V tolerant I/O pins except the 3 V tolerant pin GPIO5
[4]
Including the voltage on outputs in 3-state mode.
[5]
VDD present or not present.
[6]
Based on package heat transfer, not device power consumption.
11 Static characteristics
VDD = 1.71 V to 3.6 V; Tamb = -40 °C to +105 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage
1.71
3.6
V
VDD = 3.3 V
Operating mode
-
2.1
4.0
mA
IDD
supply current
Idle mode
-
1.3
3.4
mA
IDD(tpd)
total Power-down mode
supply current
VDD = 3.3 V
-
6
75
µA
VPOR
power-on reset voltage
-
-
0.2
V
Vth(HL)
negative-going threshold
voltage
except SCL, SDA
0.22VDD 0.4VDD
-
V
VIL
LOW-level input voltage SCL, SDA only
-0.5
-
0.3VDD V
Table 12. Static characteristics
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
13 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com