Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAZ-R4-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAZ-R4-R2
Description  Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-R4-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-R4-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Converter
VAZ-R4-R2
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model number
VAZ-R4-R2
RS 232C/RS 485 converter
Features
• Direct connection to a PC (RS 232)
• Point to point connection only
Electrical connection
Technical data
Electrical specifications
Power supply
draws its power supply from RS 232 interface of the PC
Pin 4 (DTR) must be permanently high.
Interface
Interface type
Standard PC RS 232 interface with 9-pin D-SUB connector
(female)
RS 485 interface with 9-pin D-SUB connector (male)
Transfer rate
up to 57600 Bit/s
Cable length
for RS 232 and RS 485 each max. 2 m
Ambient conditions
Ambient temperature
0 ... 55 °C (32 ... 131 °F)
Storage temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection
RS 232 , RS 485
Dimensions
63, 54, 17 mm (L, W, H)
Notes
The interface converter VAZ-R4-R2 is the ideal interface converter between the RS 232C inter-
face of the PC and the RS 485 interface of the AS-Interface Gateway.
The converter requires no additional external power supply. For this reason, it is highly suitable
for mobile use on a laptop computer or notebook.
The RS 232C/RS 485 converter is simply plugged between the AS-Interface Gateway and the
RS 232 connection cable. Only one device with an RS 485 interface can be connected up to
the interface converter.
The RS 232C/RS 485 converter can be used on various operating systems. By means of the
AS-i Control Tools for Windows an AS-Interface Master with an RS 485 interface can be opera-
ted as well as an AS-Interface Master with an RS 232 interface. The RS 232C/RS 485 conver-
ter supports all transmission rates up to 57600 Bit/s.
Sub-D socket
RS 232C
Sub-D connector
RS 485
µP
GND
DTR
TxD
RxD
CTS
RTS
A
B
5
4
3
2
8
7
3
8
12345
6789
54321
9876


Similar Part No. - VAZ-R4-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-RK-P-6TEE-CG PF-VAZ-RK-P-6TEE-CG Datasheet
742Kb / 3P
AS-Interface 6 port segment protector
VAZ-RK-P-TEE PF-VAZ-RK-P-TEE Datasheet
813Kb / 3P
Segment Protector for Cabinet Installation
More results

Similar Description - VAZ-R4-R2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
VOLTAGE CONVERTER
logo
List of Unclassifed Man...
NMII-0232 ETC2-NMII-0232 Datasheet
285Kb / 2P
CONVERTER 2x2s
logo
CUI INC
UF224 CUI-UF224 Datasheet
488Kb / 4P
Converter Kit
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
BUS CONVERTER
logo
RFHIC
RFUR20-50B RFHIC-RFUR20-50B Datasheet
193Kb / 3P
WCDMA Converter
logo
Axiomtek Co., Ltd.
AX95601 AXIOMTEK-AX95601 Datasheet
130Kb / 1P
LVDS Converter
logo
PAIRUI GROUP INC.
DNV-40 PAIRUI-DNV-40 Datasheet
508Kb / 4P
DC Converter
BBH PAIRUI-BBH Datasheet
501Kb / 4P
DC Converter
logo
Solid States Devices, I...
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
CONVERTER
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com