Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAZ-RK-P-6TEE-CG Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VAZ-RK-P-6TEE-CG
Description  AS-Interface 6 port segment protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-RK-P-6TEE-CG Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VAZ-RK-P-6TEE-CG Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAZ-RK-P-6TEE-CG Datasheet HTML 2Page - Pepperl+Fuchs Inc. VAZ-RK-P-6TEE-CG Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Approvals and certificates
Ambient conditions
Ambient temperature
-40 ... 80 °C (-40 ... 176 °F)
Storage temperature
-40 ... 80 °C (-40 ... 176 °F)
Vibration resistance
Mechanical specifications
Degree of protection
IP67
Connection
6 Cable glands M20 type
Material
Housing
Anodized aluminum , stainless steel slot head screws , cover Lexan (PC) , Sealing
washers: Buna-N (NBR)
Connection
(+)
(–)
(+)
(–)
Trunk OUT
Trunk IN
(+) (–)
Spur 1
(+) (–)
Spur 2
(+) (–)
Spur 3
(+) (–)
Spur 4
LED
LED
LED
LED
LED
Protection
Protection
Protection
Protection
(+)
(+)
(+)
(+)
(+)
(+)
(+)
(+)
(–)
(–)
(–)
(–)
(–)
(–)
(–)
(–)
Spur 2
Spur 1
Spur 3
Spur 4
Spur 5
Spur 6
Bus
Bus
LED
Protection
LED
Protection
(+) (–)
Spur 5
(+) (–)
Spur 6
AS-Interface 6 port segment protector
VAZ-RK-P-6TEE-CG
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com