Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAZ-RK-P-TEE Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAZ-RK-P-TEE
Description  Segment Protector for Cabinet Installation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-RK-P-TEE Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-RK-P-TEE Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAZ-RK-P-TEE Datasheet HTML 2Page - Pepperl+Fuchs Inc. VAZ-RK-P-TEE Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Segment Protector for Cabinet
Installation
VAZ-RK-P-TEE
< Protected single drop Tee for AS-Interface
< LED status indication
AS-Interface one port segment protector
Dimensions
ø 3
75
67
Technical Data
General specifications
Description
AS-Interface one port segment protector
Indicators/operating means
LED Overload
Led red: Output overloaded or shorted
Electrical specifications
Rated operating voltage
Ue
26.5 ... 31.6 V from AS-Interface
Rated operating current
Ie
8 A
Maximum safe voltage
Um
35 V
Interface
Protocol
AS-Interface
Output
Number/Type
1/protected drop connection for 1 AS-I node
Current limit
28 mA (output off)
240 mA (output on)
Voltage drop
Ud
< 1 V
Short-circuit current
max. 28 mA
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VAZ-RK-P-TEE

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-RK-P-6TEE-CG PF-VAZ-RK-P-6TEE-CG Datasheet
742Kb / 3P
AS-Interface 6 port segment protector
More results

Similar Description - VAZ-RK-P-TEE

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
For 200 Segment type LCD LCD Segment Driver
logo
Recom International Pow...
RELV4-16 RECOM-RELV4-16 Datasheet
311Kb / 3P
Suitable for DALI Installation
logo
Taoglas antenna solutio...
GSA.8821.A.301721 TAOGLAS-GSA.8821.A.301721 Datasheet
1Mb / 9P
Low profile for easy installation
GSA.8821.B.301111 TAOGLAS-GSA.8821.B.301111 Datasheet
622Kb / 14P
Low profile for easy installation
GSA.8822.B.301111 TAOGLAS-GSA.8822.B.301111 Datasheet
1Mb / 22P
3M adhesive for easy installation
GSA.8827R.A.101111 TAOGLAS-GSA.8827R.A.101111 Datasheet
854Kb / 12P
Low profile for easy installation
logo
Schneider Electric
9001K1 SCHNEIDER-9001K1 Datasheet
144Kb / 2P
30MM WRENCH FOR BOOT INSTALLATION
Jan 20, 2022
logo
Pepperl+Fuchs Inc.
R-SP-E12 PF-R-SP-E12 Datasheet
1,022Kb / 5P
Segment Protector for Cabinet Installation
RD0-TI-EX8.FF.ST-Y1 PF-RD0-TI-EX8.FF.ST-Y1 Datasheet
511Kb / 1P
Temperature Multi-Input Device for Cabinet Installation
VAZ-RK-P-6TEE-CG PF-VAZ-RK-P-6TEE-CG Datasheet
742Kb / 3P
AS-Interface 6 port segment protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com