Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SAO2L Datasheet(PDF) 2 Page - Schneider Electric

Part # TM5SAO2L
Description  Analog output module, Modicon TM5, 2O, /-10 V/0 to 20mA, 12bits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SAO2L Datasheet(HTML) 2 Page - Schneider Electric

  TM5SAO2L Datasheet HTML 1Page - Schneider Electric TM5SAO2L Datasheet HTML 2Page - Schneider Electric TM5SAO2L Datasheet HTML 3Page - Schneider Electric TM5SAO2L Datasheet HTML 4Page - Schneider Electric TM5SAO2L Datasheet HTML 5Page - Schneider Electric TM5SAO2L Datasheet HTML 6Page - Schneider Electric TM5SAO2L Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Maximum power dissipation in
W
1.11 W
Marking
CE
Net weight
0.025 kg
Environment
Standards
CSA C22.2 No 142
IEC 61131-2
UL 508
CSA C22.2 No 213
Product certifications
CSA
GOST-R
cULus
C-Tick
Ambient air temperature for
operation
0…55 °C without derating (horizontal installation)
0…60 °C with derating factor (horizontal installation)
0…50 °C (vertical installation)
Ambient air temperature for
storage
-25…70 °C
Relative humidity
5…95 % without condensation
IP degree of protection
IP20 conforming to IEC 61131-2
Pollution degree
2 conforming to IEC 60664
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
1 gn at 8.4…150 Hz on DIN rail
3.5 mm at 5…8.4 Hz on DIN rail
Shock resistance
15 gn for 11 ms
Resistance to electrostatic
discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
1 V/m 2...2.7 GHz conforming to EN/IEC 61000-4-3
10 V/m 80...2000 MHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
1 kV (I/O) conforming to EN/IEC 61000-4-4
1 kV (shielded cable) conforming to EN/IEC 61000-4-4
2 kV (power lines) conforming to EN/IEC 61000-4-4
Surge withstand
0.5 kV differential mode conforming to EN/IEC 61000-4-5
1 kV common mode conforming to EN/IEC 61000-4-5
Electromagnetic compatibility
EN/IEC 61000-4-6
Disturbance radiated/
conducted
CISPR 11
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
39.0 g
Package 1 Height
2 cm
Package 1 width
6 cm
Package 1 Length
10.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
97
Package 2 Weight
3.997 kg
Package 2 Height
15 cm
Package 2 width
30 cm
2
Apr 6, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com