Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3253 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3B3253
Description  3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3253 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3B3253 Datasheet HTML 1Page - Diodes Incorporated PI3B3253 Datasheet HTML 2Page - Diodes Incorporated PI3B3253 Datasheet HTML 3Page - Diodes Incorporated PI3B3253 Datasheet HTML 4Page - Diodes Incorporated PI3B3253 Datasheet HTML 5Page - Diodes Incorporated PI3B3253 Datasheet HTML 6Page - Diodes Incorporated PI3B3253 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
A product Line of
Diodes Incorporated
PI3B3253
www.diodes.com
September 2017
Diodes Incorporated
PI3B3253
Document Number DS40212 Rev 1-2
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1) Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFF
IA/IB Capacitance, Switch Off
8.0
CON
IA/IB Capacitance, Switch On
36.0
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC =3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current
0 ≤ IN, YN ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–1.2
V
RON
Switch On-Resistance(3)
VCC = Min., VIN = 0.0V,
ION = 48mA or 64mA
5
8
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
10
17
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Storage Temperature .....................................................................–65°C to +150°C
Ambient Temperature with Power Applied ....................................–40°C to +85°C
Supply Voltage to Ground Potential ................................................–0.5V to +4.6V
DC Input Voltage .............................................................................–0.5V to +4.6V
DC Output Current........................................................................................ 120mA
Power Dissipation ............................................................................................ 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between I and Y pin at indicated current through the switch. On-Resistance is determined by the lower of the voltages on the two
(I,Y) pins.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com