Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3253LEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3B3253LEX
Description  3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3253LEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3B3253LEX Datasheet HTML 1Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 2Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 3Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 4Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 5Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 6Page - Diodes Incorporated PI3B3253LEX Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
A product Line of
Diodes Incorporated
PI3B3253
www.diodes.com
September 2017
Diodes Incorporated
PI3B3253
Document Number DS40212 Rev 1-2
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or
VCC
0.1
3.0
µA
ΔICC
Supply Current per Input
@ TTL HIGH
VCC = Max.
VIN = 3.0V(3)
750
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (control inputs only); I and Y pins do not contribute to ICC.
Switching Characteristics over Operating Range
Parameters
Description
Test Conditions
Com.
Units
Min.
Max.
tIY
Propagation Delay(1,2) In to Yn
CL = 50pF
RL = 500Ω
0.25
ns
tSY
Bus Select Time, Sn to Yn
1
4.0
tPZH
Bus Enable Time, E to Yn
1
3.8
tPHZ
tPLZ
Bus Disable Time, En to Y
1
5.2
Notes:
1.
This parameter is guaranteed but not tested on Propagation Delays.
2.
The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for the
switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little
propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the
switch and its interaction with the load on the driven side.
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com