Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2740708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2740708
Description  Inline connector - IB IL SCN-8/N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2740708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2740708 Datasheet HTML 1Page - PHOENIX CONTACT 2740708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2740708
09/12/2020   Page 1 / 2
Inline connector - IB IL SCN-8/N - 2740708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Connector, for digital 1, 2 or 8-channel Inline terminals
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918480004
Technical data
Dimensions
Height
111.2 mm
Depth
41 mm
Width
12 mm
Connection data
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.08 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section AWG min.
28
Conductor cross section AWG max.
16
Stripping length
8 mm
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values


Similar Part No. - 2740708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2740711 PHOENIX-2740711 Datasheet
45Kb / 2P
Inline shielded connector for analog Inline terminals, printed with the numbers: 1, 2, 11, 21, 12, 22, 13 and 23
2740724 PHOENIX-2740724 Datasheet
45Kb / 2P
Inline shielded connector for analog Inline terminals, printed with the numbers: 1, 2, 11, 21, 12, 22, 13 and 23
2740737 PHOENIX-2740737 Datasheet
55Kb / 3P
FO converters - IBS OPTOSUB-MA/M/L-LK-OPC-2MBD
More results

Similar Description - 2740708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701159 PHOENIX-2701159 Datasheet
58Kb / 4P
Inline terminal - IB IL AI 8/SF-XC-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
Inline terminal - IB IL 24 DI 16-PAC
2861920 PHOENIX-2861920 Datasheet
101Kb / 6P
Inline terminal - IB IL DO 1 AC-PAC
2869909 PHOENIX-2869909 Datasheet
62Kb / 3P
Inline terminal - IB IL EX PWR-ISO-PAC
2700893 PHOENIX-2700893 Datasheet
133Kb / 8P
Inline function terminal - IB IL RS UNI-PAC
09/12/2020
2700965 PHOENIX-2700965 Datasheet
97Kb / 5P
Inline function terminal - IB IL PM 3P/N/EF-PAC
09/12/2020
2701698 PHOENIX-2701698 Datasheet
51Kb / 2P
Inline connector - IB IL SCN-8-CP/ME-IN
09/12/2020
2861768 PHOENIX-2861768 Datasheet
102Kb / 7P
Inline function terminal - IB IL IMPULSE-IN-PAC
09/12/2020
2862783 PHOENIX-2862783 Datasheet
58Kb / 3P
Inline connector - IB IL SCN-8-GY
09/12/2020
2897402 PHOENIX-2897402 Datasheet
145Kb / 10P
Inline terminal - IB IL TEMP 4/8 RTD/EF-PAC
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com