Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet(PDF) 28 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5644R Datasheet HTML 20Page - Analog Devices AD5644R Datasheet HTML 21Page - Analog Devices AD5644R Datasheet HTML 22Page - Analog Devices AD5644R Datasheet HTML 23Page - Analog Devices AD5644R Datasheet HTML 24Page - Analog Devices AD5644R Datasheet HTML 25Page - Analog Devices AD5644R Datasheet HTML 26Page - Analog Devices AD5644R Datasheet HTML 27Page - Analog Devices AD5644R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5624R/AD5644R/AD5664R
Data Sheet
Rev. D | Page 28 of 28
A
B
C
D
0.650
0.595
0.540
1.705
1.665
1.625
2.285
2.245
2.205
1
2
3
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.340
0.320
0.300
1.50
REF
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.270
0.240
0.210
0.380
0.355
0.330
COPLANARITY
0.05
Figure 67. 12-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-12-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Accuracy
Internal Reference
Package
Description
Package
Option
Branding
AD5624RBCPZ-3R2
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7L
AD5624RBCPZ-3REEL7
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7L
AD5624RBCPZ-5R2
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead LFCSP_WD
CP-10-9
DBZ
AD5624RBCPZ-5REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead LFCSP_WD
CP-10-9
DBZ
AD5624RBRMZ-3
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7L
AD5624RBRMZ-3REEL7
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7L
AD5624RBRMZ-5
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7V
AD5624RBRMZ-5REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7V
AD5644RBRMZ-3
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7E
AD5644RBRMZ-3REEL7
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7E
AD5644RBRMZ-5
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7D
AD5644RBRMZ-5REEL7
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7D
AD5664RBCBZ-3-RL7
−40°C to +105°C
±16 LSB INL
1.25 V
12-Ball WLCSP
CB-12-9
AD5664RBCPZ-3R2
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D73
AD5664RBCPZ-3REEL7
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D73
AD5664RBRMZ-3
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D73
AD5664RBRMZ-3REEL7
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D73
AD5664RBRMZ-5
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D75
AD5664RBRMZ-5REEL7
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D75
EVAL-AD5664REBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2006–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05856-6/20(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com