Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630 Datasheet(PDF) 13 Page - Analog Devices

Part # AD630
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD630 Datasheet HTML 9Page - Analog Devices AD630 Datasheet HTML 10Page - Analog Devices AD630 Datasheet HTML 11Page - Analog Devices AD630 Datasheet HTML 12Page - Analog Devices AD630 Datasheet HTML 13Page - Analog Devices AD630 Datasheet HTML 14Page - Analog Devices AD630 Datasheet HTML 15Page - Analog Devices AD630 Datasheet HTML 16Page - Analog Devices AD630 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD630
Rev. G | Page 13 of 20
CIRCUIT DESCRIPTION
The simplified schematic of the AD630 is shown in Figure 24. It
has been subdivided into three major sections, the comparator,
the two input stages, and the output integrator. The comparator
consists of a front end made up of Q52 and Q53, a flip-flop load
formed by Q3 and Q4, and two current steering switching cells
Q28, Q29 and Q30, Q31. This structure is designed so that a
differential input voltage greater than 1.5 mV in magnitude
applied to the comparator inputs completely selects one of the
switching cells. The sign of this input voltage determines which
of the two switching cells is selected.
The collectors of each switching cell connect to an input
transconductance stage. The selected cell conveys bias currents
i22 and i23 to the input stage it controls, causing it to become
active. The deselected cell blocks the bias to its input stage,
which, as a consequence, remains off.
The structure of the transconductance stages is such that it
presents a high impedance at its input terminals and draws no
bias current when deselected. The deselected input does not
interfere with the operation of the selected input ensuring
maximum channel separation.
Another feature of the input structure is that it enhances the
slew rate of the circuit. The current output of the active stage
follows a quasihyperbolic sine relationship to the differential
input voltage. This means that the greater the input voltage, the
harder this stage drives the output integrator, and the faster the
output signal moves. This feature helps ensure rapid, symmetric
settling when switching between inverting and noninverting
closed loop configurations.
The output section of the AD630 includes a current mirror load
(Q24 and Q25), an integrator voltage gain stage (Q32), and a
complementary output buffer (Q44 and Q74). The outputs of
both transconductance stages are connected in parallel to the
current mirror. Because the deselected input stage produces no
output current and presents a high impedance at its outputs, there
is no conflict. The current mirror translates the differential
output current from the active input transconductance
amplifier into single-ended form for the output integrator.
The complementary output driver then buffers the integrator
output to produce a low impedance output.
Figure 24. AD630 Simplified Schematic
20
11
3
4
5
6
19
2
18
13
12
SEL A
SEL B
DIFF
OFF ADJ
DIFF
OFF ADJ
CM
OFF ADJ
CM
OFF ADJ
COMP
Q74
Q44
CH B–
CH B+
CH A+
CH A–
i55
Q4
Q3
Q28
Q31
Q30
Q32
C122
C121
i
i73
22
i23
–VS
VOUT
Q52
Q53
+VS
Q65
Q34
Q33
Q62
Q35
Q36
Q67
Q70
Q25
Q24
Q29
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com