Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8993 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8993
Description  Toggle lever valve with idle return
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8993 Datasheet(HTML) 1 Page - Festo Corporation.

  8993 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toggle lever valve with idle return
L-5-1/4-B
Part number: 8993
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Mechanical
Standard nominal flow rate
550 l/min
Pneumatic working port
G1/4
Operating pressure
-0.95 bar ... 10 bar
Structural design
Plate seat
Nominal width
7 mm
Type of control
Direct
Symbol
00991718
Ambient temperature
-10 °C ... 60 °C
Actuating force
71.5 N
Product weight
360 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Pneumatic connection 4
G1/4
Pneumatic connection 5
G1/4
Seals material
NBR
Housing material
Die-cast aluminum
4/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8993

ManufacturerPart #DatasheetDescription
logo
Heyco.
8993 HEYCO-8993 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results

Similar Description - 8993

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
Toggle lever valve
L-3-M5 FESTO-L-3-M5 Datasheet
87Kb / 1P
Toggle lever valve with idle return
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
Toggle lever valve
VHEF-VT-M32-M-N14 FESTO-VHEF-VT-M32-M-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
Toggle lever valve
10749 FESTO-10749 Datasheet
81Kb / 1P
Toggle lever valve with idle return
4/8/22
8982 FESTO-8982 Datasheet
83Kb / 1P
Toggle lever valve with idle return
4/8/22
8989 FESTO-8989 Datasheet
83Kb / 1P
Toggle lever valve with idle return
4/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com