Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-5 Datasheet(PDF) 3 Page - CUI INC

Part # PDRB-5
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-5 Datasheet(HTML) 3 Page - CUI INC

  PDRB-5 Datasheet HTML 1Page - CUI INC PDRB-5 Datasheet HTML 2Page - CUI INC PDRB-5 Datasheet HTML 3Page - CUI INC PDRB-5 Datasheet HTML 4Page - CUI INC PDRB-5 Datasheet HTML 5Page - CUI INC PDRB-5 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 08/04/2020
│ page 3 of 6
CUI Inc
│ SERIES: PDRB-5 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
at Vi nom, 80% load, auto recovery
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
6.25
15
18.75
30
7.25
17.4
21.75
34.8
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup, auto recovery (see curve)
110
165
%
short circuit protection
hiccup, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
4,242
Vac
Vdc
input to FG for 1 minute
1,500
2,121
Vac
Vdc
output to FG for 1 minute
500
710
Vac
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL 508, UL 1310, UL/EN 62368-1
ISA 12.12.01 (Class I, Div 2, Groups A~D)
safety class
Class I
EMI/EMC
EN 55032 Class B, EN 55024, ENV 50204,
EN 61204-3, EN 61000-3-2, EN 61000-3-3,
EN 61000-6-2, EN 61000-6-3, EN 61000-4-2,
EN 61000-4-3, EN 61000-4-4, EN 61000-4-5,
EN 61000-4-6, EN 61000-4-8, EN 61000-4-11
pollution degree
2
degree of protection
IP20
MTBF
as per Bellcore Issue 6 at 40 °C, GB
5 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
806,000
831,000
846,000
888,000
hours
hours
hours
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-20
71
°C
storage temperature
-25
85
°C
humidity
non-condensing
20
95
%
altitude
5,000
m
vibration
meets IEC 60068-2-6 (Mounting on rail: 10~500
Hz, 2 G, along X,Y,Z axis, for 60 minutes on each
axis)
shock
meets IEC 60068-2-27 (15 G, 11 ms, 3 axis, 6
faces, 3 times for each face)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com