Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5SE1MISC20005 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5SE1MISC20005
Description  counter module - encoder emulation channel (A/B) - 4 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5SE1MISC20005 Datasheet(HTML) 1 Page - Schneider Electric

  TM5SE1MISC20005 Datasheet HTML 1Page - Schneider Electric TM5SE1MISC20005 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
counter module - encoder emulation
channel (A/B) - 4 MHz
TM5SE1MISC20005
Main
Range of product
Modicon TM5
Product or component type
Counter module
Function of module
2 x 24 V DC RS422 sink auxiliary inputs
24 V DC encoder power supply
Discrete input number
2
Counting frequency
4 MHz
Encoder type
1 incremental encoder
Complementary
Range compatibility
PacDrive LMC Eco
PacDrive LMC Pro
PacDrive LMC Pro2
Product compatibility
Motion controller
Counter inputs resolution
16 bits/32 bits
Maximum cycle time
2 ms
Isolation
500 Vrms AC insulation between channel and bus
Discrete input logic
Sink
Discrete input voltage
24 V DC
Discrete input current
at 24 V
Input filtering
<= 200 ms
Current consumption
2 mA at 5 V DC bus
63 mA at 24 V DC input/output
Maximum power dissipation in
W
1.51 W
Marking
CE
Net weight
0.025 kg
Environment
Standards
UL 508
CSA C22.2 No 142
CSA C22.2 No 213
IEC 61131-2
Product certifications
cULus
C-Tick
GOST-R
 
Apr 6, 2022
1


Similar Part No. - TM5SE1MISC20005

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SE1IC01024 SCHNEIDER-TM5SE1IC01024 Datasheet
240Kb / 7P
Counter module, Modicon TM5, 1 HSC incremental, 100 KHz
Apr 6, 2022
TM5SE1IC02505 SCHNEIDER-TM5SE1IC02505 Datasheet
226Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 250 KHz
Apr 6, 2022
TM5SE1IC20005 SCHNEIDER-TM5SE1IC20005 Datasheet
96Kb / 2P
counter module - 1 HSC incremental - 4 MHz
Apr 6, 2022
TM5SE1RS2 SCHNEIDER-TM5SE1RS2 Datasheet
230Kb / 6P
ASCII serial link communication module, Modicon TM5, RS232, max 115.2 kbit/s
Apr 6, 2022
TM5SE1SC10005 SCHNEIDER-TM5SE1SC10005 Datasheet
227Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 1 MHz
Apr 6, 2022
More results

Similar Description - TM5SE1MISC20005

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9200 HP-HEDS9200 Datasheet
798Kb / 7P
2 CHANNEL ENCODER MODULE
HEDS9700 HP-HEDS9700 Datasheet
430Kb / 11P
2 CHANNEL ENCODER MODULE
logo
Advantech Co., Ltd.
ADAM-5080 ADVANTECH-ADAM-5080 Datasheet
588Kb / 1P
4-ch Counter/Frequency Module
ADAM-5080 ADVANTECH-ADAM-5080_14 Datasheet
261Kb / 1P
4-ch Counter/Frequency Module
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
ENERGY HARVESTING MULTITURN COUNTER/ENCODER
logo
Contec Co., Ltd
CPS-CNT-3202I CONTEC-CPS-CNT-3202I Datasheet
471Kb / 2P
Counter Module
logo
Schneider Electric
TM5SE1IC20005 SCHNEIDER-TM5SE1IC20005 Datasheet
96Kb / 2P
counter module - 1 HSC incremental - 4 MHz
Apr 6, 2022
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
Advantech Co., Ltd.
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
529Kb / 1P
2-ch Counter/Encoder Input Module
22-Dec-2021
logo
NHP Electrical Engineer...
1769-HSC NHP-1769-HSC Datasheet
487Kb / 1P
COMPACTLOGIX 2/4 CHANNEL HIGH SPEED ENCODER/COUNTER MODULE
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com