Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC4AI2 Datasheet(PDF) 2 Page - Schneider Electric

Part # TMC4AI2
Description  Analogue input cartridge, Modicon M241, 2 analog current inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TMC4AI2 Datasheet(HTML) 2 Page - Schneider Electric

  TMC4AI2 Datasheet HTML 1Page - Schneider Electric TMC4AI2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input impedance
<= 250 Ohm current
>= 1 MOhm voltage
Environment
Immunity to microbreaks
10 ms
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
74.0 g
Package 1 Height
7 cm
Package 1 width
3.5 cm
Package 1 Length
3 cm
Unit Type of Package 2
S02
Number of Units in Package 2
27
Package 2 Weight
2.24 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Unit Type of Package 3
PAL
Number of Units in Package 3
69
Package 3 Weight
4.382 kg
Package 3 Height
101.6 cm
Package 3 width
91.44 cm
Package 3 Length
121.92 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
2
Apr 6, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com