Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS0036 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BVS0036
Description  Machine Vision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS0036 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BVS0036 Datasheet HTML 1Page - Balluff Korea Ltd. BVS0036 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Machine Vision
BVS CA-GX0-0051AG-112C41-XAS2
Order Code: BVS0036
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 274743
ETIM 6.0:
BVS0036_1.28_2021-04-13
1 / 2
1) Tightening torque
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Chroma
Monochrome
Frame rate
max. 23.5 fps
Image resolution
5.1 MP (2464 x 2056 pixels)
Pixel size
3.45 x 3.45 µm
Sensor chip
Sony IMX264
Sensor type Vision
2/3" global shutter CMOS
Standards
IEEE 802.3af
EMVA 1288
GigE Vision
GenICam
Version
GigE Vision industrial camera
Electrical connection
Connection 1
GigE-Bus: M12x1-Female, 8-pin,
X-coded
Connection 2
Power/ IO: M12x1-Male, 12-pin,
A-coded
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
500 mA
Operating voltage Ub
11...25 VDC PoE
Environmental conditions
Ambient temperature
0...45 °C
EN 60068-2-27, Shock
100 G, half-sine, 1000 pos., 1000
neg., X, Y, Z
EN 60068-2-6, Vibration
15 G, 10 - 500 Hz, 5h X, Y, Z
IP rating
IP67
Relative humidity
20...80%
Storage temperature
-20...60 °C
Functional Characteristics
Binning
1x1, 2x2, 4x4, 8x8, 16x16
Data storage
64 MB
Decimation
1x1, 2x2, 4x4, 8x8, 16x16
Exposure time
20 µs…20 s
Filter
Cover glass
Image formats
Mono8
Mono10
Mono12
Mono14
Mono16
Mono12Packed
Mono12p
MTTF (40 °C)
11.7 a
Trigger Modi
Free run
Hardware trigger
Software trigger


Similar Part No. - BVS0036

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BVS0037 BALLUFF-BVS0037 Datasheet
156Kb / 2P
Machine Vision
1.32_2021-07-17
BVS003A BALLUFF-BVS003A Datasheet
156Kb / 2P
Machine Vision
1.32_2021-04-13
BVS003C BALLUFF-BVS003C Datasheet
156Kb / 2P
Machine Vision
1.33_2021-04-13
BVS003H BALLUFF-BVS003H Datasheet
144Kb / 2P
Machine Vision
1.34_2021-05-19
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results

Similar Description - BVS0036

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE0103 BALLUFF-BAE0103 Datasheet
109Kb / 2P
Machine Vision
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
Machine Vision
0.47_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS0037 BALLUFF-BVS0037 Datasheet
156Kb / 2P
Machine Vision
1.32_2021-07-17
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS002F BALLUFF-BVS002F Datasheet
162Kb / 2P
Machine Vision
0.105_2021-04-27
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com