Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE-3/4 Datasheet(PDF) 1 Page - Festo Corporation.

Part # SE-3/4
Description  Quick exhaust valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SE-3/4 Datasheet(HTML) 1 Page - Festo Corporation.

  SE-3/4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick exhaust valve
SE-3/4
Part number: 2280
Data sheet
Feature
Value
Valve function
Quick exhaust
Pneumatic connection 1
G3/4
Pneumatic connection 2
G3/4
Type of mounting
With through-hole
Standard nominal flow rate exhaust air 6->5 bar
7500 l/min
Standard nominal flow rate pressurization 6->5 bar
2500 l/min
Operating pressure
0.5 bar ... 10 bar
Ambient temperature
-20 °C ... 75 °C
Housing material
Wrought aluminum alloy
Anodized
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Nominal width
19 mm
Mounting position
Any
Symbol
00991459
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 75 °C
Product weight
710 g
Pneumatic connection 3
G3/4
Note on materials
RoHS-compliant
Seals material
NBR
4/11/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - SE-3/4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SE-3/8-B FESTO-SE-3/8-B Datasheet
101Kb / 1P
Quick exhaust valve
4/11/22
More results

Similar Description - SE-3/4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4616 FESTO-4616 Datasheet
80Kb / 1P
Quick exhaust valve
4/11/22
6753 FESTO-6753 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
6822 FESTO-6822 Datasheet
88Kb / 1P
Quick exhaust valve
4/11/22
9688 FESTO-9688 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
9798 FESTO-9798 Datasheet
78Kb / 1P
Quick exhaust valve
4/11/22
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
547532 FESTO-547532 Datasheet
93Kb / 1P
Quick exhaust valve
4/11/22
547533 FESTO-547533 Datasheet
95Kb / 1P
Quick exhaust valve
4/11/22
548001 FESTO-548001 Datasheet
92Kb / 1P
Quick exhaust valve
4/11/22
548002 FESTO-548002 Datasheet
94Kb / 1P
Quick exhaust valve
4/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com