Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGL-1/2-B Datasheet(PDF) 1 Page - Festo Corporation.

Part # HGL-1/2-B
Description  Piloted non return valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HGL-1/2-B Datasheet(HTML) 1 Page - Festo Corporation.

  HGL-1/2-B Datasheet HTML 1Page - Festo Corporation. HGL-1/2-B Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Piloted non return valve
HGL-1/2-B
Part number: 530033
Data sheet
Feature
Value
Valve function
Unlockable non-return function
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pilot air port 21
G3/8
Actuation type
Pneumatic
Type of mounting
Screw-in
With external thread
Operating pressure
0.05 MPa ... 1 MPa
Operating pressure
0.5 bar ... 10 bar
Pilot pressure MPa
0.1 MPa ... 1 MPa
Pilot pressure
1 bar ... 10 bar
Pilot pressure psi
14.5 psi ... 145 psi
Ambient temperature
-10 °C ... 60 °C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Maritime classification
See certificate
Mounting position
Any
Symbol
00991456
Standard flow rate 1->2 (6-0)
2100 l/min
Standard nominal flow rate 1->2 (6-5)
1600 l/min
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B2-L
Storage temperature
-10 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Nominal tightening torque
14 Nm
Tolerance for nominal tightening torque
± 10%
Product weight
129.4 g
4/11/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - HGL-1/2-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGL-1/2-NPT FESTO-HGL-1/2-NPT Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
HGL-1/2-QS-12 FESTO-HGL-1/2-QS-12 Datasheet
84Kb / 2P
Piloted non return valve
4/11/22
More results

Similar Description - HGL-1/2-B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34877 FESTO-34877 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34878 FESTO-34878 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34879 FESTO-34879 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34880 FESTO-34880 Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
530029 FESTO-530029 Datasheet
88Kb / 2P
Piloted non return valve
4/11/22
530030 FESTO-530030 Datasheet
83Kb / 2P
Piloted non return valve
4/11/22
530039 FESTO-530039 Datasheet
86Kb / 2P
Piloted non return valve
4/11/22
530042 FESTO-530042 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
530044 FESTO-530044 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
543253 FESTO-543253 Datasheet
79Kb / 2P
Piloted non return valve
4/11/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com