Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5ACTB52FS Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5ACTB52FS
Description  Modicon TM5, Safety coded terminal block, 12 contacts, red, quantity 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5ACTB52FS Datasheet(HTML) 1 Page - Schneider Electric

  TM5ACTB52FS Datasheet HTML 1Page - Schneider Electric TM5ACTB52FS Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Modicon TM5, Safety coded terminal
block, 12 contacts, red, quantity 1
TM5ACTB52FS
Main
Range of product
Modicon TM5
Accessory / separate part type
Terminal block
Accessory / separate part
category
Connection accessory
Product compatibility
TM5 safety I/O modules
Number of terminals
12
Sale per indivisible quantity
1
Complementary
Range compatibility
Modicon LMC058
Modicon M258
Colour
Red
Cable cross section
0.08…2.5 mm² AWG 28...AWG 14, rigid
0.25…2.5 mm² AWG 24...AWG 14, flexible
0.25…1.5 mm² AWG 24...AWG 16 with cable end
Conductor material
Copper
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
24.0 g
Package 1 Height
1.5 cm
Package 1 width
4.5 cm
Package 1 Length
9.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
50
Package 2 Weight
1.5 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
 
Apr 8, 2022
1


Similar Part No. - TM5ACTB52FS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5ACTB5EFS SCHNEIDER-TM5ACTB5EFS Datasheet
94Kb / 1P
Modicon TM5, terminal block with PT1000 temp. compensation, 16 contacts, red, quantity 1
Apr 8, 2022
TM5ACTB5FFS SCHNEIDER-TM5ACTB5FFS Datasheet
94Kb / 1P
Modicon TM5, terminal block, 16 contacts, red, quantity 1
Apr 8, 2022
More results

Similar Description - TM5ACTB52FS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5C12D8T SCHNEIDER-TM5C12D8T Datasheet
425Kb / 10P
Compact I/O expansion block, Modicon TM5, 20 12 DI, 8 DO transistor
Apr 6, 2022
TM5C24D12R SCHNEIDER-TM5C24D12R Datasheet
436Kb / 11P
Compact I/O expansion block, Modicon TM5, 36 24 DI, 12 DO relay
Apr 6, 2022
TM5SE1IC01024 SCHNEIDER-TM5SE1IC01024 Datasheet
240Kb / 7P
Counter module, Modicon TM5, 1 HSC incremental, 100 KHz
Apr 6, 2022
TM5SE1IC02505 SCHNEIDER-TM5SE1IC02505 Datasheet
226Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 250 KHz
Apr 6, 2022
TM5SE1SC10005 SCHNEIDER-TM5SE1SC10005 Datasheet
227Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 1 MHz
Apr 6, 2022
TM5ACBM3FS SCHNEIDER-TM5ACBM3FS Datasheet
113Kb / 2P
Modicon TM5, Safety coded bus base, 24 V DC, internal I/O, red, quantity 1
Apr 8, 2022
TM5ACBM4FS SCHNEIDER-TM5ACBM4FS Datasheet
113Kb / 2P
Modicon TM5, Safety coded bus base, 24 V DC, internal I/O, red, quantity 1
Apr 8, 2022
TM5ACTB5EFS SCHNEIDER-TM5ACTB5EFS Datasheet
94Kb / 1P
Modicon TM5, terminal block with PT1000 temp. compensation, 16 contacts, red, quantity 1
Apr 8, 2022
TM5ACTB5FFS SCHNEIDER-TM5ACTB5FFS Datasheet
94Kb / 1P
Modicon TM5, terminal block, 16 contacts, red, quantity 1
Apr 8, 2022
TM5SPS10FS SCHNEIDER-TM5SPS10FS Datasheet
123Kb / 2P
Power distribution module, Modicon TM5, for I/O 24V DC, 1 Safety related output
Apr 8, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com