Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9823CCWM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9823CCWM
Description  LM9823 3 Channel 48-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9823CCWM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9823CCWM Datasheet HTML 1Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 2Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 3Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 4Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 5Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 6Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 7Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 8Page - National Semiconductor (TI) LM9823CCWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
www.national.com
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Internal Reference Characteristics
VREFMID
Mid Reference Output Voltage
2.5
V
VREF+ OUT
Positive Reference Output Voltage
3.5
V
VREF- OUT
Negative Reference Output Voltage
1.5
V
∆V
REF
Differential Reference Voltage
VREF+ OUT - VREF- OUT
2.0
V
Static Offset DAC Characteristics (in units of 12 bit LSBs)
Monotonicity
6
bits (min)
Offset DAC LSB size
PGA gain = 1
18.9
13
24
LSB (min)
LSB (max)
Offset DAC Adjustment Range
PGA gain = 1
±585
±570
LSB (min)
System Characteristics (in units of 12 bit LSBs) (see section 5.1, Internal Offsets)
C
Analog Channel Gain Constant
(ADC Codes/V)
Includes voltage reference
variation, gain setting = 1
2107
1934
2281
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CCD Mode
17.3
-61
+94
LSB (min)
LSB (max)
VOS1
Pre-Boost Analog Channel Offset Error,
CIS Mode
27
-49
+103
LSB (min)
LSB (max)
VOS2
Pre-PGA Analog Channel Offset Error
-40
-124
+44
LSB (min)
LSB (max)
VOS3
Post-PGA Analog Channel Offset Error
-38
-130
+55
LSB (min)
LSB (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=+5.0VDC, VD=+3.0 or +5.0VDC, fMCLK=12MHz. Boldface limits apply
for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
SCLK, SDI, SEN, MCLK, VSMP, CLMP Digital Input Characteristics
VIN(1)
Logical “1” Input Voltage
VA=5.25V
2.0
V (max)
VIN(0)
Logical “0” Input Voltage
VA=4.75V
0.8
V (min)
IIN
Input Leakage Current
VIN=VA
VIN=DGND
0.1
-0.1
µA (max)
µA (max)
CIN
Input Capacitance
5
pF
D0-D7 Digital Output Characteristics
VOUT(1)
Logical “1” Output Voltage
IOUT=-360µA
0.8*VD
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT=1.6mA
0.2*VD
V (max)
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=+5.0VDC, VD=+3.0 or +5.0VDC, fMCLK=12MHz. Boldface limits apply
for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, 12 & 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com