Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8274 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8274
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8274 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8274 Datasheet HTML 12Page - Analog Devices AD8274 Datasheet HTML 13Page - Analog Devices AD8274 Datasheet HTML 14Page - Analog Devices AD8274 Datasheet HTML 15Page - Analog Devices AD8274 Datasheet HTML 16Page - Analog Devices AD8274 Datasheet HTML 17Page - Analog Devices AD8274 Datasheet HTML 18Page - Analog Devices AD8274 Datasheet HTML 19Page - Analog Devices AD8274 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8271
Rev. 0 | Page 16 of 20
APPLICATIONS INFORMATION
The resistors and connections provided on the AD8271 offer
abundant versatility through the variety of configurations that
are possible.
DIFFERENCE AMPLIFIER CONFIGURATIONS
The AD8271 can be placed in difference amplifier configurations
with gains of ½, 1, and 2. Figure 45 through Figure 47 show
sample difference amplifier configurations referenced to ground.
=
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
+IN
GND
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
–IN
–IN
+IN
5k
Ω
5k
Ω
10k
Ω
10k
Ω
GND
Figure 45. Gain = ½ Difference Amplifier, Referenced to Ground
=
–IN
+IN
10k
Ω
10k
Ω
10k
Ω
10k
Ω
GND
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
+IN
NC
NC
GND
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
–IN
Figure 46. Gain = 1 Difference Amplifier, Referenced to Ground
=
–IN
+IN
10k
Ω
5k
Ω
5k
Ω
10k
Ω
GND
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
–IN
GND
+IN
OUT
Figure 47. Gain = 2 Difference Amplifier, Referenced to Ground
The AD8271 can also be referred to a combination of reference
voltages. For example, the reference can be set at 2.5 V, using
just 5 V and GND. Some of the possible configurations are
shown in Figure 48 through Figure 50. Note that the output
is not internally tied to a feedback path, so any of the 10 kΩ
resistors on the inverting input can be used in the feedback
network. This flexibility allows for more efficient board lay-
out options.
+VS + –VS
2
–IN
=
+IN
5k
Ω
5k
Ω
10k
Ω
10k
Ω
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
+IN
–VS
+VS
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
–IN
Figure 48. Gain = ½ Difference Amplifier, Referenced to Midsupply
=
–IN
+IN
10k
Ω
10k
Ω
10k
Ω
10k
Ω
+VS + –VS
2
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
+IN
NC
NC
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
–IN
–VS
+VS
Figure 49. Gain = 1 Difference Amplifier, Referenced to Midsupply
=
–IN
+IN
10k
Ω
5k
Ω
5k
Ω
10k
Ω
+VS + –VS
2
1
7
10k
Ω
AD8271
10k
Ω
10k
Ω
10k
Ω
20k
Ω
20k
Ω
10k
Ω
P4
P3
P2
P1
+IN
–VS
+VS
OUT
OUT
N1
N2
N3
10
9
8
2
3
4
+IN
Figure 50. Gain = 2 Difference Amplifier, Referenced to Midsupply
Table 8. Pin Connections for Difference Amplifier Configurations
Configuration
Gain and Reference
Pin 1
(P1)
Pin 2
(P2)
Pin 3
(P3)
Pin 4
(P4)
Pin 8
(N1)
Pin 9
(N2)
Pin 10
(N3)
Gain of ½, Referenced to Ground
+IN
GND
GND
GND
OUT
OUT
−IN
Gain of ½, Referenced to Midsupply
+IN
−VS
+VS
+VS
OUT
OUT
−IN
Gain of 1, Referenced to Ground
+IN
NC
GND
GND
OUT
NC
−IN
Gain of 1, Referenced to Midsupply
+IN
NC
−VS
+VS
OUT
NC
−IN
Gain of 2, Referenced to Ground
+IN
+IN
GND
GND
OUT
−IN
−IN
Gain of 2, Referenced to Midsupply
+IN
+IN
−VS
+VS
OUT
−IN
−IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com