Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623 Datasheet(PDF) 22 Page - Analog Devices

Part # AD623
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD623 Datasheet HTML 16Page - Analog Devices AD623 Datasheet HTML 17Page - Analog Devices AD623 Datasheet HTML 18Page - Analog Devices AD623 Datasheet HTML 19Page - Analog Devices AD623 Datasheet HTML 20Page - Analog Devices AD623 Datasheet HTML 21Page - Analog Devices AD623 Datasheet HTML 22Page - Analog Devices AD623 Datasheet HTML 23Page - Analog Devices AD623 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8231
Data Sheet
Rev. E | Page 22 of 24
When operating the AD8231 on dual supplies, a level-shift is
typically needed from standard single-supply control logic. One
easy way to accomplish the level-shift is through a single-pole,
double-throw switch, such as the ADG633. Figure 55 shows an
application schematic for ±2.5 V operation.
+2.5V
–2.5V
+2.5V
–2.5V
+2.5V
–2.5V
A0
A1
A2
EN
VDD
GND
VSS
–2.5V
GND
VDD
DIGITAL
CONTROL
(FPGA,
MICROCONTROLLER,
ETC.)
VDIGITAL
VDIGITAL
ADG633
AD8231
A0 A1 A2
+VS
–VS
SDN
CS
+2.5V
VDIGITAL IS THE DIGITAL SUPPLY VOLTAGE. IT CAN BE
ANY VOLTAGE BETWEEN 2.5V AND 9.5V.
–2.5V
Figure 55. Converting Single-Supply Control Signals to Dual Supply.
SALLEN KEY FILTER
The extra op amp in the AD8231 can be used to create a 2-pole
Sallen Key filter. Such a filter can remove excess noise or
perform antialiasing before an analog-to-digital converter.
Figure 56 shows how to create a 2-pole low-pass Butterworth
filter. Components R1, R2, C1, and C2 set the frequency of the
filter. The ratio of R3 and R4 sets the peaking of the filter. If R4
equals 10 kΩ, R3 should equal 5.9 kΩ for an optimum 2-pole
response.
Depending on the circuitry before and after the AD8231,
a 3-pole filter can be possible. If the previous stage has a small
output impedance, an additional pole can be added before the
in amp (R6, R7, and C4). If the following stage has a high input
impedance, an additional pole can be added after the op amp
(R5 and C3). Peaking from the Sallen Key stage should be
higher to compensate for the extra attenuation of the third pole;
both R3 and R4 should be 10 kΩ for optimum response.
Note that in addition to setting the peaking of the filter, the
ratio R3/R4 also sets the dc gain: G = 1 + R3/R4. If lower dc
gain is required, replace R1 with a voltage divider, where the
output resistance of the divider is equal to the required value of R1.
Figure 56 shows a bias point connected to R4 and the in-amp
reference. The filter stage amplifies the signal around this bias
point. The bias point is typically midsupply and should be low
impedance.
Table 10. Recommended Component Values for Butterworth
Low-Pass Filter in Figure 56
3 dB
Freq
Sallen Key
Optional Poles
Before In-Amp
After Op Amp
R1, R2
(kΩ)
C1, C2
(nF)
R6, R7
(kΩ)
C4
(nF)
R5
(kΩ)
C3
(nF)
32 Hz
499
10
499
4.7
49.9
100
100 Hz
158
10
158
4.7
16
100
320 Hz
49.9
10
49.9
4.7
4.99
100
1 kHz
158
1
158
0.47
1.6
100
3.2 kHz
49.9
1
49.9
0.47
0.499
100
10 kHz
15.8
1
15.8
0.47
0.16
100
32 kHz
4.99
1
4.99
0.47
0.049
100
IN-AMP
OP AMP
REF
BIAS
POINT
BIAS
POINT
R7
R1
R2
R6
R5
C4
SALLEN KEY
(TWO POLE)
OPTIONAL POLE
OPTIONAL POLE
C3
R3
R4
C2
C1
Figure 56. Butterworth Low-Pass Filter (Dotted Sections Indicate Optional Poles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com