Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628 Datasheet(PDF) 8 Page - Analog Devices

Part # AD628
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD628 Datasheet HTML 4Page - Analog Devices AD628 Datasheet HTML 5Page - Analog Devices AD628 Datasheet HTML 6Page - Analog Devices AD628 Datasheet HTML 7Page - Analog Devices AD628 Datasheet HTML 8Page - Analog Devices AD628 Datasheet HTML 9Page - Analog Devices AD628 Datasheet HTML 10Page - Analog Devices AD628 Datasheet HTML 11Page - Analog Devices AD628 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8271
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
180
150
120
90
60
30
0
–200
–100
0
100
200
CMMR (µV/V)
N = 989
MEAN = –29
SD = 43
Figure 4. Typical Distribution of CMRR, Gain = 1
180
150
120
90
60
30
0
–1000
–500
0
500
1000
SYSTEM OFFSET VOLTAGE (µV)
N = 989
MEAN = –306
SD = 229
Figure 5. Typical Distribution of System Offset, Gain = 1
240
180
120
210
150
90
60
30
0
–0.04
–0.02
0
0.02
0.04
GAIN ERROR (%)
N = 1006
MEAN = 0.003
SD = 0.005
Figure 6. Typical Distribution of Gain Error, Gain = 1
–40
–30
–20
–10
0
10
20
30
40
50
60
70
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
GAIN = 1
REPRESENTATIVE SAMPLES
+0.6µV/V/°C
–0.1µV/V/°C
Figure 7. CMRR vs. Temperature, Normalized at 25°C, Gain = 1
–300
–200
–100
200
300
0
100
–50
–30
–10
1030
50
7090
110
130
TEMPERATURE (°C)
GAIN = 1
REPRESENTATIVE SAMPLES
2.2µV/°C
2.8µV/°C
Figure 8. System Offset vs. Temperature, Normalized at 25°C,
Referred to Output, Gain = 1
–150
–100
–50
100
150
200
0
50
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
GAIN = 1
REPRESENTATIVE SAMPLES
1.7ppm/°C
0.5ppm/°C
Figure 9. Gain Error vs. Temperature, Normalized at 25°C, Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com