Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8271ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8271ARMZ
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8271ARMZ Datasheet HTML 3Page - Analog Devices AD8271ARMZ Datasheet HTML 4Page - Analog Devices AD8271ARMZ Datasheet HTML 5Page - Analog Devices AD8271ARMZ Datasheet HTML 6Page - Analog Devices AD8271ARMZ Datasheet HTML 7Page - Analog Devices AD8271ARMZ Datasheet HTML 8Page - Analog Devices AD8271ARMZ Datasheet HTML 9Page - Analog Devices AD8271ARMZ Datasheet HTML 10Page - Analog Devices AD8271ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8271
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
10
9
8
7
6
AD8271
TOP VIEW
(Not to Scale)
–VS
P4
P3
P2
P1
+VS
OUT
N1
N2
N3
Figure 3.
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
P1
Noninverting Input. A 10 kΩ resistor is connected to the noninverting (+) terminal of the op amp.
2
P2
Noninverting Input. A 10 kΩ resistor is connected to the noninverting (+) terminal of the op amp.
3
P3
Noninverting Input. A 20 kΩ resistor is connected to the noninverting (+) terminal of the op amp. This pin
is used as a reference voltage input in many configurations.
4
P4
Noninverting Input. A 20 kΩ resistor is connected to the noninverting (+) terminal of the op amp. This pin
is used as a reference voltage input in many configurations.
5
−VS
Negative Supply.
6
+VS
Positive Supply.
7
OUT
Output.
8
N1
Inverting Input. A 10 kΩ resistor is connected to the inverting (−) terminal of the op amp.
9
N2
Inverting Input. A 10 kΩ resistor is connected to the inverting (−) terminal of the op amp.
10
N3
Inverting Input. A 10 kΩ resistor is connected to the inverting (−) terminal of the op amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com