Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8271ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8271ARMZ-R7
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8271ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8271ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8271
Rev. 0 | Page 12 of 20
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
160
140
120
100
80
60
40
20
0
0
102030
40
50
60
70
80
90
100
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 28. Small-Signal Overshoot vs. Capacitive Load, Gain = ½
80
70
60
50
40
30
20
10
0
0
50
100
150
200
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 29. Small-Signal Overshoot vs. Capacitive Load, Gain = 1
80
70
60
50
40
30
20
10
0
250
300
350
400
450
0
50
100
150
200
CAPACITIVE LOAD (pF)
VS = ±15V
VS = ±18V
VS = ±10V
VS = ±5V
VS = ±2.5V
Figure 30. Small-Signal Overshoot vs. Capacitive Load, Gain = 2
GAIN = ½
1µs/DIV
Figure 31. Large-Signal Pulse Response, Gain = ½
GAIN = 1
1µs/DIV
Figure 32. Large-Signal Pulse Response, Gain = 1
GAIN = 2
1µs/DIV
Figure 33. Large-Signal Pulse Response, Gain = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com