Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8273ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8273ARZ-R7
Description  Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8273ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8273ARZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8273
Rev. B | Page 12 of 16
THEORY OF OPERATION
The AD8273 has two channels, each consisting of a high
precision, low distortion op amp and four trimmed resistors.
Although such a circuit can be built discretely, placing the
resistors on the chip offers advantages to board designers that
include better dc specifications, better ac specification, and
lower production costs.
The resistors on the AD8273 are laser trimmed and tightly
matched. Specifications that depend on the resistor matching,
such as gain drift, common-mode rejection, and gain accuracy,
are better than can be achieved with standard discrete resistors.
The positive and negative input terminals of the AD8273 op amp
are not pinned out intentionally. Keeping these nodes internal
means their capacitance is considerably lower than it would be
in discrete designs. Lower capacitance at these nodes means
better loop stability and improved common-mode rejection vs.
frequency.
The internal resistors of the AD8273 lower production costs.
One part rather than several is placed on the board, which
improves both board build time and reliability.
CONFIGURATIONS
The AD8273 can be configured in several different ways; see
Figure 39 to Figure 46. Because these configurations rely on the
internal, matched resistors, these configurations have excellent
gain accuracy and gain drift.
POWER SUPPLIES
Use a stable dc voltage to power the AD8273. Noise on the
supply pins can adversely affect performance. Place a bypass
capacitor of 0.1 μF between each supply pin and ground, as
close to each pin as possible. Also, use a tantalum capacitor of
10 μF between each supply and ground. It can be farther away
from the AD8273 and typically can be shared by other precision
integrated circuits.
The AD8273 is specified at ±15 V, but it can be used with
unbalanced supplies as well, for example, −VS = 0 V, +VS = 20 V.
The difference between the two supplies must be kept below 36 V.
12k
Ω
2
3
12
14
13
6k
Ω
12k
Ω
6k
Ω
–IN1
OUT1
+IN1
12k
Ω
6
5
10
8
9
6k
Ω
12k
Ω
6k
Ω
–IN2
OUT2
+IN2
VOUT = ½ (VIN+ − VIN−)
Figure 39. Difference Amplifier, G = ½
6k
Ω
3
2
14
13
12k
Ω
6k
Ω
12k
Ω
–IN1
OUT1
+IN1
6k
Ω
6
5
10
8
9
12k
Ω
6k
Ω
12k
Ω
–IN2
OUT2
+IN2
12
VOUT = 2 (VIN+ − VIN−)
Figure 40. Difference Amplifier, G = 2
12k
Ω
2
3
12
14
13
6k
Ω
12k
Ω
6k
Ω
IN1
OUT1
5
8
12k
Ω
6k
Ω
12k
Ω
610
9
6k
Ω
IN2
OUT2
VOUT = −½ VIN
Figure 41. Inverting Amplifier, G = ½
6k
Ω
2
3
12
14
13
12k
Ω
6k
Ω
12k
Ω
IN1
OUT1
5
8
6k
Ω
12k
Ω
6k
Ω
6
10
9
12k
Ω
IN2
OUT2
VOUT = −2 VIN
Figure 42. Inverting Amplifier, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com