Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8271BRMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8271BRMZ-R7
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271BRMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8271BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8271BRMZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8271
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 56. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions are shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8271ARMZ1
−40°C to +85°C
10-Lead MSOP
RM-10
Y1E
AD8271ARMZ-R71
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
Y1E
AD8271ARMZ-RL1
−40°C to +85°C
10-Lead MSOP, 13”Tape and Reel
RM-10
Y1E
AD8271BRMZ1
−40°C to +85°C
10-Lead MSOP
RM-10
Y1G
AD8271BRMZ-R71
−40°C to +85°C
10-Lead MSOP, 7”Tape and Reel
RM-10
Y1G
AD8271BRMZ-RL1
−40°C to +85°C
10-Lead MSOP, 13”Tape and Reel
RM-10
Y1G
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07363-0-1/09(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com