Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS360F1 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS360F1
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS360F1 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS360F1 Datasheet HTML 1Page - Vectron International, Inc TFS360F1 Datasheet HTML 2Page - Vectron International, Inc TFS360F1 Datasheet HTML 3Page - Vectron International, Inc TFS360F1 Datasheet HTML 4Page - Vectron International, Inc TFS360F1 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs360F1.doc
version 1.4
18.04.2001
VI TELEFILTER
Filter Specification
TFS 360F1
2/5
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction, pin configuration and 50
Ω
Ω
Ω
Ω - matching network
(All dimensions in mm)
Pin 1 Sym. Output
Pin 5 Sym. Input
Pin 2 Sym. Output
Pin 6 Sym. Input
Pin 3 External Coil
Pin 7 Ground
Pin 4 Package Ground
Pin 8 Package ground
50 Ohm Test circuit 1
2
1
6
5
4, 7, 8
LB-IN
LB-OUT
SAW
C1
L1
C2
L4
L3
L5
L2
3
50 Ohm Test circuit 2
2
1
6
5
4, 7, 8
LB-IN
LB-OUT
SAW
L1
C1
L2
C4
C3
3
L3
C2
Date code:
Year + week
L
1999
M
2000
N
2001
...
1,1 Max.
2,54
1,78
360 F
N16
Date code
1
3
7
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com