Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0622018708 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622018708
Description  Press-In Tool for Backplane Signal Module, 5-Pair by 12-Column
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622018708 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018708 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018708 Datasheet HTML 2Page - Molex Electronics Ltd. 0622018708 Datasheet HTML 3Page - Molex Electronics Ltd. 0622018708 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 02/27/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0622018708
Status:
Active
Overview:
Application Tooling
Description:
Press-In Tool for Backplane Signal Module, 5-Pair by 12-Column
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207123
Comments
See Tooling Specification (PDF) Above. Type: PRESS
BLK
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
Impact
Tool Type
Press-Fit Insertion Tool
UPC
883906919511
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-622018708, TM-622018799
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Relevant
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
207123 Series
Use With
76055 Impact Backplane Signal Module
Assembly 5-Pair by 12 Column Assemblies
Application Tooling
| FAQ
Description
Product #
Impact 100 Ohm
5 Pair Vertical
Backplane Header,
Unguided, Open
Endwall, 12
Columns, 180
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
760551207
Impact 100 Ohm
5 Pair Vertical
Backplane Header,
Unguided, Left
Endwall, 12
760551217


Similar Part No. - 0622018708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018708 MOLEX11-0622018708 Datasheet
47Kb / 2P
Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Open Endwall
0622018708 MOLEX11-0622018708 Datasheet
39Kb / 2P
Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Left Endwall
0622018708 MOLEX11-0622018708 Datasheet
39Kb / 2P
Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Left Endwall
0622018708 MOLEX11-0622018708 Datasheet
47Kb / 2P
Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Dual Endwall
0622018708 MOLEX11-0622018708 Datasheet
49Kb / 2P
Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Dual Endwall
More results

Similar Description - 0622018708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8665 MOLEX11-62201-8665 Datasheet
35Kb / 1P
Backplane Press-In Tool for 5-Pair by 16-Column Assemblies
62201-8708 MOLEX11-62201-8708 Datasheet
35Kb / 1P
Press-In Tool for Backplane Signal Module, 5-Pair by 12-Column
62201-8804 MOLEX11-62201-8804 Datasheet
38Kb / 1P
Impact 85 Ohm Backplane Press-In Tool for 5-Pair by 12-Column Assemblies
0622018694 MOLEX11-0622018694 Datasheet
27Kb / 1P
Press-In Tool for Backplane Signal Module, 2-Pair by 16-Column
0622018665 MOLEX-0622018665 Datasheet
58Kb / 11P
Backplane Press-In Tool for 5-Pair by 16-Column Assemblies
02/26/2021
0622018695 MOLEX-0622018695 Datasheet
27Kb / 2P
Press-In Tool for Vertical Signal Module Assembly, 5-Pair by 10-Column
06/26/2021
0622018694 MOLEX-0622018694 Datasheet
40Kb / 5P
Press-In Tool for Backplane Signal Module, 2-Pair by 16-Column
04/05/2021
0622018804 MOLEX-0622018804 Datasheet
37Kb / 3P
Impact 85 Ohm Backplane Press-In Tool for 5-Pair by 12-Column Assemblies
02/27/2021
0622018662 MOLEX-0622018662 Datasheet
57Kb / 11P
Backplane Signal Module Assembly Press-In Tool for 6-Pair by 10-Column Assemblies
02/26/2021
0622018696 MOLEX-0622018696 Datasheet
32Kb / 2P
Press-In Tool for Vertical Signal Module Assembly, 5-Pair by 16-Column
02/26/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com